Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F118MS Datasheet(PDF) 31 Page - fujitsu semiconductor

Part # MB95F118MS
Description  8-bit Proprietary Microcontrollers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F118MS Datasheet(HTML) 31 Page - fujitsu semiconductor

Back Button MB95F118MS Datasheet HTML 27Page - fujitsu semiconductor MB95F118MS Datasheet HTML 28Page - fujitsu semiconductor MB95F118MS Datasheet HTML 29Page - fujitsu semiconductor MB95F118MS Datasheet HTML 30Page - fujitsu semiconductor MB95F118MS Datasheet HTML 31Page - fujitsu semiconductor MB95F118MS Datasheet HTML 32Page - fujitsu semiconductor MB95F118MS Datasheet HTML 33Page - fujitsu semiconductor MB95F118MS Datasheet HTML 34Page - fujitsu semiconductor MB95F118MS Datasheet HTML 35Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
MB95110M Series
31
2.
Recommended Operating Conditions
(AVss
= Vss = 0.0 V)
(Continued)
Parameter
Symbol
Pin name
Condi-
tions
Value
Unit
Remarks
Min
Max
Power supply
voltage
VCC,
AVCC
⎯⎯
2.5*1
5.5
V
In normal
operation
Other than
MB95FV100D-
103
2.3
5.5
V
Hold
condition in
STOP mode
2.7
5.5
V
In normal
operation
MB95FV100D-
103
2.3
5.5
V
Hold
condition in
STOP mode
“H” level input
voltage
VIH1
P10, P67
*2
0.7 Vcc
Vcc
+ 0.3
V
At selecting of CMOS input
level
VIH2
P50, P51
*2
0.7 Vcc
Vss
+ 5.5
V
At selecting of CMOS input
level
VIHA
⎯⎯
0.8 Vcc
Vcc
+ 0.3
V
Pin input at selecting of
AUTOMOTIVE input level
VIHS1
P00 to P07,
P10 to P15,
P20 to P24,
P30 to P37,
P60 to P67,
PG1*3,
PG2*3
*2
0.8 Vcc
Vcc
+ 0.3
V
Hysteresis input
VIHS2
P50, P51
*2
0.8 Vcc
Vss
+ 5.5
V
Hysteresis input
VIHM
RST, MOD
⎯
0.7 Vcc
Vcc
+ 0.3
V
CMOS input
(Flash memory product)
⎯
0.8 Vcc
Vcc
+ 0.3
V
Hysteresis input
(MASK ROM product)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com