Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F118MS Datasheet(PDF) 53 Page - fujitsu semiconductor

Part # MB95F118MS
Description  8-bit Proprietary Microcontrollers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F118MS Datasheet(HTML) 53 Page - fujitsu semiconductor

Back Button MB95F118MS Datasheet HTML 49Page - fujitsu semiconductor MB95F118MS Datasheet HTML 50Page - fujitsu semiconductor MB95F118MS Datasheet HTML 51Page - fujitsu semiconductor MB95F118MS Datasheet HTML 52Page - fujitsu semiconductor MB95F118MS Datasheet HTML 53Page - fujitsu semiconductor MB95F118MS Datasheet HTML 54Page - fujitsu semiconductor MB95F118MS Datasheet HTML 55Page - fujitsu semiconductor MB95F118MS Datasheet HTML 56Page - fujitsu semiconductor MB95F118MS Datasheet HTML 57Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
MB95110M Series
53
(Continued)
(Vcc
= 5.0 V ± 10%, AVss = Vss = 0.0 V, TA = −40 °C to + 85 °C)
*1 : R, C : Pull-up resistor and load capacitor of the SCL and SDA lines.
*2 :
• Refer to “ (2) Source Clock/Machine Clock” for tMCLK.
• m is CS4 bit and CS3 bit (bit 4 and bit 3) of clock control register (ICCR0) .
• n is CS2 bit to CS0 bit (bit 2 to bit 0) of clock control register (ICCR0) .
• Actual timing of I2C is determined by m and n values set by the machine clock (tMCLK) and CS4 to CS0 of
ICCR0 register.
• Standard-mode :
m and n can be set at the range : 0.9 MHz < tMCLK (machine clock) < 10 MHz.
Setting of m and n limits the machine clock that can be used below.
(m, n)
= (1, 8)
: 0.9 MHz < tMCLK
≤ 1 MHz
(m, n)
= (1, 22) , (5, 4) , (6, 4) , (7, 4) , (8, 4) : 0.9 MHz < tMCLK ≤ 2 MHz
(m, n)
= (1, 38) , (5, 8) , (6, 8) , (7, 8) , (8, 8) : 0.9 MHz < tMCLK ≤ 4 MHz
(m, n)
= (1, 98)
: 0.9 MHz < tMCLK
≤ 10 MHz
• Fast-mode :
m and n can be set at the range : 3.3 MHz < tMCLK (machine clock) < 10 MHz.
Setting of m and n limits the machine clock that can be used below.
(m, n)
= (1, 8)
: 3.3 MHz < tMCLK
≤ 4 MHz
(m, n)
= (1, 22) , (5, 4) : 3.3 MHz < tMCLK ≤ 8 MHz
(m, n)
= (6, 4)
: 3.3 MHz < tMCLK
≤ 10 MHz
Parameter
Sym-
bol
Pin
name
Condition
Value*2
Unit
Remarks
Min
Max
Data hold time
tHD;DAT
SCL0
SDA0
R
= 1.7 kΩ,
C
= 50 pF*1
0
⎯
ns
At reception
Data setup time
tSU;DAT
SCL0
SDA0
tMCLK
− 20
⎯
ns
At reception
SDA
↓→SCL↑
(at wake-up function)
tWAKEUP
SCL0
SDA0
Oscillation stabilization
wait time
+ 2 tMCLK − 20
⎯
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com