Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F118MS Datasheet(PDF) 32 Page - fujitsu semiconductor

Part # MB95F118MS
Description  8-bit Proprietary Microcontrollers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F118MS Datasheet(HTML) 32 Page - fujitsu semiconductor

Back Button MB95F118MS Datasheet HTML 28Page - fujitsu semiconductor MB95F118MS Datasheet HTML 29Page - fujitsu semiconductor MB95F118MS Datasheet HTML 30Page - fujitsu semiconductor MB95F118MS Datasheet HTML 31Page - fujitsu semiconductor MB95F118MS Datasheet HTML 32Page - fujitsu semiconductor MB95F118MS Datasheet HTML 33Page - fujitsu semiconductor MB95F118MS Datasheet HTML 34Page - fujitsu semiconductor MB95F118MS Datasheet HTML 35Page - fujitsu semiconductor MB95F118MS Datasheet HTML 36Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
MB95110M Series
32
(Continued)
(AVss
= Vss = 0.0 V)
*1 : The value is 2.9 V when the low voltage detection reset is used.
*2 : P10, P50, P51, and P67 can switch the input level to either the “CMOS input level” or “hysteresis input level”.
The switching of the input level can be set by the input level selection register (ILSR).
*3 : Single clock products only
*4 : Use a ceramic capacitor or a capacitor with equivalent frequency characteristics. A bypass capacitor of VCC
pin must have a capacitance value higher than CS. For connection of smoothing capacitor CS, refer to the
diagram below.
Parameter
Symbol
Pin name
Condi-
tions
Value
Unit
Remarks
Min
Max
“L” level input
voltage
VIL
P10, P50,
P51, P67
*2
Vss
− 0.3 0.3 Vcc
V
At selecting of CMOS input
level
VILA
⎯⎯
Vss
− 0.3 0.5 Vcc
V
Pin input at selecting of
AUTOMOTIVE input level
VILS
P00 to P07,
P10 to P15,
P20 to P24,
P30 to P37,
P50, P51,
P60 to P67,
PG1*3,
PG2*3
*2
Vss
− 0.3 0.2 Vcc
V
Hysteresis input
VILM
RST, MOD
⎯
Vss
− 0.3 0.3 Vcc
V
CMOS input
(Flash memory product)
⎯
Vss
− 0.3 0.2 Vcc
V
Hysteresis input
(MASK ROM product)
Smoothing
capacitor
CS
⎯⎯
0.1
1.0
µF*4
Operating
temperature
TA
⎯⎯
− 40
+ 85
°C Other than MB95FV100D-103
+ 5
+ 35
°C MB95FV100D-103
C
CS
• C pin connection diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com