Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F118MS Datasheet(PDF) 56 Page - fujitsu semiconductor

Part # MB95F118MS
Description  8-bit Proprietary Microcontrollers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F118MS Datasheet(HTML) 56 Page - fujitsu semiconductor

Back Button MB95F118MS Datasheet HTML 52Page - fujitsu semiconductor MB95F118MS Datasheet HTML 53Page - fujitsu semiconductor MB95F118MS Datasheet HTML 54Page - fujitsu semiconductor MB95F118MS Datasheet HTML 55Page - fujitsu semiconductor MB95F118MS Datasheet HTML 56Page - fujitsu semiconductor MB95F118MS Datasheet HTML 57Page - fujitsu semiconductor MB95F118MS Datasheet HTML 58Page - fujitsu semiconductor MB95F118MS Datasheet HTML 59Page - fujitsu semiconductor MB95F118MS Datasheet HTML 60Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
MB95110M Series
56
(2) Notes on Using A/D Converter
• About the external impedance of analog input and its sampling time
A/D converter with sample and hold circuit. If the external impedance is too high to keep sufficient sampling
time, the analog voltage charged to the internal sample and hold capacitor is insufficient, adversely affecting A/
D conversion precision, Therefore, to satisfy the A/D conversion precision standard, consider the relationship
between the external impedance and minimum sampling time and either adjust the register value and operating
frequency or decrease the external impedance so that the sampling time is longer than the minimum value. Also,
if the sampling time cannot be sufficient, connect a capacitor of about 0.1
µF to the analog input pin.
• About errors
As |AVCC
− AVSS| becomes smaller, values of relative errors grow larger.
R
C
Analog input
Note : The values are reference values.
• Analog input equivalent circuit
RC
4.5 V
≤ AVcc ≤ 5.5 V
2.0 k
Ω (Max)
16 pF (Max)
4.0 V
≤ AVcc < 4.5 V
8.2 k
Ω (Max)
16 pF (Max)
Comparator
During sampling : ON
0
2
46
8
10
12
14
0
10
20
30
40
50
60
70
80
90
100
AVCC
≥ 4.5 V
AVCC
≥ 4.0 V
01
23
4
0
2
4
6
8
10
12
14
16
18
20
AVCC
≥ 4.5 V
AVCC
≥ 4.0 V
(External impedance
= 0 kΩ to 100 kΩ)
(External impedance
= 0 kΩ to 20 kΩ)
Minimum sampling time [
µs]
Minimum sampling time [
µs]
• The relationship between external impedance and minimum sampling time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com