Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F118MS Datasheet(PDF) 26 Page - fujitsu semiconductor

Part # MB95F118MS
Description  8-bit Proprietary Microcontrollers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F118MS Datasheet(HTML) 26 Page - fujitsu semiconductor

Back Button MB95F118MS Datasheet HTML 22Page - fujitsu semiconductor MB95F118MS Datasheet HTML 23Page - fujitsu semiconductor MB95F118MS Datasheet HTML 24Page - fujitsu semiconductor MB95F118MS Datasheet HTML 25Page - fujitsu semiconductor MB95F118MS Datasheet HTML 26Page - fujitsu semiconductor MB95F118MS Datasheet HTML 27Page - fujitsu semiconductor MB95F118MS Datasheet HTML 28Page - fujitsu semiconductor MB95F118MS Datasheet HTML 29Page - fujitsu semiconductor MB95F118MS Datasheet HTML 30Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
MB95110M Series
26
(Continued)
Address
Register
abbreviation
Register name
R/W
Initial value
0F86H
WRARH2
Wild register address setting register (Upper byte) ch.2
R/W
00000000B
0F87H
WRARL2
Wild register address setting register (Lower byte) ch.2
R/W
00000000B
0F88H
WRDR2
Wild register data setting register ch.2
R/W
00000000B
0F89H
to
0F91H
⎯
(Disabled)
⎯⎯
0F92H
T01CR0
8/16-bit compound timer 01 control status register 0 ch.0
R/W
00000000B
0F93H
T00CR0
8/16-bit compound timer 00 control status register 0 ch.0
R/W
00000000B
0F94H
T01DR
8/16-bit compound timer 01 data register ch.0
R/W
00000000B
0F95H
T00DR
8/16-bit compound timer 00 data register ch.0
R/W
00000000B
0F96H
TMCR0
8/16-bit compound timer 00/01 timer mode control
register ch.0
R/W
00000000B
0F97H
T11CR0
8/16-bit compound timer 11 control status register 0 ch.1
R/W
00000000B
0F98H
T10CR0
8/16-bit compound timer 10 control status register 0 ch.1
R/W
00000000B
0F99H
T11DR
8/16-bit compound timer 11 data register ch.1
R/W
00000000B
0F9AH
T10DR
8/16-bit compound timer 10 data register ch.1
R/W
00000000B
0F9BH
TMCR1
8/16-bit compound timer 10/11 timer mode control
register ch.1
R/W
00000000B
0F9CH
PPS01
8/16-bit PPG1 cycle setting buffer register ch.0
R/W
11111111B
0F9DH
PPS00
8/16-bit PPG0 cycle setting buffer register ch.0
R/W
11111111B
0F9EH
PDS01
8/16-bit PPG1 duty setting buffer register ch.0
R/W
11111111B
0F9FH
PDS00
8/16-bit PPG0 duty setting buffer register ch.0
R/W
11111111B
0FA0H
PPS11
8/16-bit PPG1 cycle setting buffer register ch.1
R/W
11111111B
0FA1H
PPS10
8/16-bit PPG0 cycle setting buffer register ch.1
R/W
11111111B
0FA2H
PDS11
8/16-bit PPG1 duty setting buffer register ch.1
R/W
11111111B
0FA3H
PDS10
8/16-bit PPG0 duty setting buffer register ch.1
R/W
11111111B
0FA4H
PPGS
8/16-bit PPG starting register
R/W
00000000B
0FA5H
REVC
8/16-bit PPG output inversion register
R/W
00000000B
0FA6H
to
0FA9H
⎯
(Disabled)
⎯⎯
0FAAH
PDCRH0
16-bit PPG down counter register (Upper byte) ch.0
R
00000000B
0FABH
PDCRL0
16-bit PPG down counter register (Lower byte) ch.0
R
00000000B
0FACH
PCSRH0
16-bit PPG cycle setting buffer register (Upper byte) ch.0
R/W
11111111B
0FADH
PCSRL0
16-bit PPG cycle setting buffer register (Lower byte) ch.0
R/W
11111111B
0FAEH
PDUTH0
16-bit PPG duty setting buffer register (Upper byte) ch.0
R/W
11111111B
0FAFH
PDUTL0
16-bit PPG duty setting buffer register (Lower byte) ch.0
R/W
11111111B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com