Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F118MS Datasheet(PDF) 51 Page - fujitsu semiconductor

Part # MB95F118MS
Description  8-bit Proprietary Microcontrollers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F118MS Datasheet(HTML) 51 Page - fujitsu semiconductor

Back Button MB95F118MS Datasheet HTML 47Page - fujitsu semiconductor MB95F118MS Datasheet HTML 48Page - fujitsu semiconductor MB95F118MS Datasheet HTML 49Page - fujitsu semiconductor MB95F118MS Datasheet HTML 50Page - fujitsu semiconductor MB95F118MS Datasheet HTML 51Page - fujitsu semiconductor MB95F118MS Datasheet HTML 52Page - fujitsu semiconductor MB95F118MS Datasheet HTML 53Page - fujitsu semiconductor MB95F118MS Datasheet HTML 54Page - fujitsu semiconductor MB95F118MS Datasheet HTML 55Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
MB95110M Series
51
(8) I2C Timing
(Vcc
= 5.0 V ± 10%, AVss = Vss = 0.0 V, TA = − 40 °C to + 85 °C)
*1 : R, C : Pull-up resistor and load capacitor of the SCL and SDA lines.
*2 : The maximum tHD;DAT have only to be met if the device dose not stretch the “L” width (tLOW) of the SCL signal.
*3 : A fast-mode I2C-bus device can be used in a standard-mode I2C-bus system, but the requirement
tSU;DAT
≥ 250 ns must then be met.
Parameter
Symbol
Pin
name
Conditions
Value
Unit Remarks
Standard-
mode
Fast-mode
Min
Max
Min
Max
SCL clock frequency
fSCL
SCL0
R
= 1.7 kΩ,
C
= 50 pF*1
0
100
0
400
kHz
(Repeat) Start condition hold time
SDA
↓ → SCL ↓
tHD;STA
SCL0
SDA0
4.0
⎯
0.6
⎯µs
SCL clock “L” width
tLOW
SCL0
4.7
⎯
1.3
⎯µs
SCL clock “H” width
tHIGH
SCL0
4.0
⎯
0.6
⎯µs
(Repeat) Start condition setup time
SCL
↑ → SDA ↓
tSU;STA
SCL0
SDA0
4.7
⎯
0.6
⎯µs
Data hold time SCL
↓ → SDA ↓ ↑
tHD;DAT
SCL0
SDA0
0
3.45*2
00.9*3
µs
Data setup time SDA
↓ ↑ → SCL ↑ tSU;DAT
SCL0
SDA0
0.25
⎯
0.1
⎯µs
Stop condition setup time SCL
↑ →
SDA
↑
tSU;STO
SCL0
SDA0
4
⎯
0.6
⎯µs
Bus free time between stop
condition and start condition
tBUF
SCL0
SDA0
4.7
⎯
1.3
⎯µs
SDA0
SCL0
tWAKEUP
tHD;STA
tSU;DAT
tHD;STA
tSU;STA
tLOW
tHD;DAT
tHIGH
tSU;STO
tBUF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com