Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341EBZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADV7341EBZ
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341EBZ Datasheet(HTML) 4 Page - Analog Devices

  ADV7341EBZ Datasheet HTML 1Page - Analog Devices ADV7341EBZ Datasheet HTML 2Page - Analog Devices ADV7341EBZ Datasheet HTML 3Page - Analog Devices ADV7341EBZ Datasheet HTML 4Page - Analog Devices ADV7341EBZ Datasheet HTML 5Page - Analog Devices ADV7341EBZ Datasheet HTML 6Page - Analog Devices ADV7341EBZ Datasheet HTML 7Page - Analog Devices ADV7341EBZ Datasheet HTML 8Page - Analog Devices ADV7341EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 4 of 88
DETAILED FEATURES
High definition (HD) programmable features
(720p/1080i/1035i)
4× oversampling (297 MHz)
Internal test pattern generator
Fully programmable YCrCb to RGB matrix
Gamma correction
Programmable adaptive filter control
Programmable sharpness filter control
CGMS (720p/1080i) and CGMS Type B (720p/1080i)
Undershoot limiter
Dual data rate (DDR) input support
EIA/CEA-861B compliance support
Enhanced definition(ED) programmable features
(525p/625p)
8× oversampling (216 MHz output)
Internal test pattern generator
Color and black bar, hatch, flat field/frame
Individual Y and PrPb output delay
Gamma correction
Programmable adaptive filter control
Fully programmable YCrCb to RGB matrix
Undershoot limiter
Macrovision Rev 1.2 (525p/625p)
CGMS (525p/625p) and CGMS Type B (525p)
Dual data rate (DDR) input support
EIA/CEA-861B compliance support
Standard definition (SD) programmable features
16× oversampling (216 MHz)
Internal test pattern generator
Color and black bar
Controlled edge rates for start and end of active video
Individual Y and PrPb output delay
Undershoot limiter
Gamma correction
Digital noise reduction (DNR)
Multiple chroma and luma filters
Luma-SSAF™ filter with programmable gain/attenuation
PrPb SSAF™
Separate pedestal control on component and
composite/S-Video output
VCR FF/RW sync mode
Macrovision Rev 7.1.L1
Copy generation management system (CGMS)
Wide screen signaling
Closed captioning
EIA/CEA-861B compliance support
GENERAL DESCRIPTION
The ADV7340/ADV7341 are high speed, digital-to-analog
video encoders in a 64-lead LQFP package. Six high speed,
NSV, 3.3 V, 12-bit video DACs provide support for composite
(CVBS), S-Video (Y/C), and component (YPrPb/RGB) analog
outputs in either standard definition (SD), enhanced definition
(ED), or high definition (HD) video formats.
The ADV7340/ADV7341 each have a 30-bit pixel input port
that can be configured in a variety of ways. SD video formats
are supported over a SDR interface and ED/HD video formats
are supported over SDR and DDR interfaces. Pixel data can be
supplied in either the YCrCb or RGB color spaces.
The parts also support embedded EAV/SAV timing codes,
external video synchronization signals, and I2C and SPI
communication protocols.
In addition, simultaneous SD and ED/HD input and output are
supported. 216 MHz (SD and ED) and 297 MHz (HD)
oversampling ensures that external output filtering is not
required, while full-drive DACs ensure that external output
buffering is not required.
Cable detection and DAC auto power-down features keep
power consumption to a minimum.
Table 1 lists the video standards directly supported by the
ADV7340/ADV7341.
Table 1. Standards Directly Supported by the
ADV7340/ADV73411
Resolution
I/P2
Frame
Rate (Hz)
Clock Input
(MHz)
Standard
720 × 240
P
59.94
27
720 × 288
P
50
27
720 × 480
I
29.97
27
ITU-R
BT.601/656
720 × 576
I
25
27
ITU-R
BT.601/656
720 × 480
I
29.97
24.54
NTSC Square
Pixel
720 × 576
I
25
29.5
PAL Square
Pixel
720 × 483
P
59.94
27
SMPTE 293M
720 × 483
P
59.94
27
BTA T-1004
720 × 483
P
59.94
27
ITU-R BT.1358
720 × 576
P
50
27
ITU-R BT.1358
720 × 483
P
59.94
27
ITU-R BT.1362
720 × 576
P
50
27
ITU-R BT.1362
1920 × 1035
I
30
74.25
SMPTE 240M
1920 × 1035
I
29.97
74.1758
SMPTE 240M
1280 × 720
P
60, 50, 30,
25, 24
74.25
SMPTE 296M
1280 × 720
P
23.97,
59.94,
29.97
74.1758
SMPTE 296M
1920 × 1080
I
30, 25
74.25
SMPTE 274M
1920 × 1080
I
29.97
74.1758
SMPTE 274M
1920 × 1080
P
30, 25, 24
74.25
SMPTE 274M
1920 × 1080
P
23.98,
29.97
74.1758
SMPTE 274M
1920 × 1080
P
24
74.25
ITU-R BT.709-5
1 Other standards are supported in the ED/HD nonstandard timing mode.
2 I = interlaced, P = progressive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com