Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341EBZ Datasheet(PDF) 52 Page - Analog Devices

Part # ADV7341EBZ
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341EBZ Datasheet(HTML) 52 Page - Analog Devices

Back Button ADV7341EBZ Datasheet HTML 48Page - Analog Devices ADV7341EBZ Datasheet HTML 49Page - Analog Devices ADV7341EBZ Datasheet HTML 50Page - Analog Devices ADV7341EBZ Datasheet HTML 51Page - Analog Devices ADV7341EBZ Datasheet HTML 52Page - Analog Devices ADV7341EBZ Datasheet HTML 53Page - Analog Devices ADV7341EBZ Datasheet HTML 54Page - Analog Devices ADV7341EBZ Datasheet HTML 55Page - Analog Devices ADV7341EBZ Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 52 of 88
Programming the FSC
The subcarrier frequency register value is divided into four FSC
registers, as shown in the previous example. The four subcarrier
frequency registers must be updated sequentially, starting with
Subcarrier Frequency Register 0 and ending with Subcarrier
Frequency Register 3. The subcarrier frequency updates only
after the last subcarrier frequency register byte has been
received by the ADV7340/ADV7341.
Typical FSC Values
Table 38 outlines the values that should be written to the
subcarrier frequency registers for NTSC and PAL B/D/G/H/I.
Table 38. Typical FSC Values
Subaddress
Description
NTSC
PAL B/D/G/H/I
0x8C
FSC0
0x1F
0xCB
0x8D
FSC1
0x7C
0x8A
0x8E
FSC2
0xF0
0x09
0x8F
FSC3
0x21
0x2A
SD NONINTERLACED MODE
Subaddress 0x88, Bit 1
The ADV7340/ADV7341 support a SD noninterlaced mode.
Using this mode, progressive inputs at twice the frame rate of
NTSC and PAL (240p/59.94 Hz and 288p/50 Hz, respectively)
can be input into the A ADV7340/ADV7341. The SD noninter-
laced mode can be enabled using Subaddress 0x88, Bit 1.
A 27 MHz clock signal must be provided on the CLKIN_A pin.
Embedded EAV/SAV timing codes or external horizontal and
vertical synchronization signals provided on the S_HSYNC and
S_VSYNC pins can be used to synchronize the input pixel data.
All input configurations, output configurations and features
available in NTSC and PAL modes are available in SD
noninterlaced mode.
For 240p/59.94 Hz input, the ADV7340/ADV7341 should be
configured for NTSC operation and Subaddress 0x88, Bit 1
should be set to 1.
For 288p/50 Hz input, the ADV7340/ADV7341 should be
configured for PAL operation and Subaddress 0x88, Bit 1
should be set to 1.
SD SQUARE PIXEL MODE
Subaddress 0x82, Bit 4
The ADV7340/ADV7341 can be used to operate in square pixel
mode (Subaddress 0x82, Bit 4). For NTSC operation, an input
clock of 24.5454 MHz is required. Alternatively, for PAL
operation, an input clock of 29.5 MHz is required. The internal
timing logic adjusts accordingly for square pixel mode
operation. In square pixel mode, the timing diagrams shown in
Figure 63 and Figure 64 apply.
Y
C
r
Y F
F
0
0
0
0
X
Y
8
0
1
0
8
0
1
0
F
F
0
0
F
F
A
B
A
B
A
B
8
0
1
0
8
0
1
0
F
F
0
0
0
0
X
Y
C
b
Y C
r
C
b
Y
C
b
Y
C
r
EAV CODE
SAV CODE
ANCILLARY DATA
(HANC)
4 CLOCK
4 CLOCK
272 CLOCK
1280 CLOCK
4 CLOCK
4 CLOCK
344 CLOCK
1536 CLOCK
END OF ACTIVE
VIDEO LINE
START OF ACTIVE
VIDEO LINE
ANALOG
VIDEO
INPUT PIXELS
NTSC/PAL M SYSTEM
(525 LINES/60Hz)
PAL SYSTEM
(625 LINES/50Hz)
Y
Figure 63. Square Pixel Mode EAV/SAV Embedded Timing
FIELD
PIXEL
DATA
PAL = 308 CLOCK CYCLES
NTSC = 236 CLOCK CYCLES
Cb
Y
Cr
Y
HSYNC
Figure 64. Square Pixel Mode Active Pixel Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com