Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341EBZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADV7341EBZ
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341EBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADV7341EBZ Datasheet HTML 4Page - Analog Devices ADV7341EBZ Datasheet HTML 5Page - Analog Devices ADV7341EBZ Datasheet HTML 6Page - Analog Devices ADV7341EBZ Datasheet HTML 7Page - Analog Devices ADV7341EBZ Datasheet HTML 8Page - Analog Devices ADV7341EBZ Datasheet HTML 9Page - Analog Devices ADV7341EBZ Datasheet HTML 10Page - Analog Devices ADV7341EBZ Datasheet HTML 11Page - Analog Devices ADV7341EBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 8 of 88
MPU PORT TIMING SPECIFICATIONS
VDD = 1.71 V to 1.89 V. PVDD = 1.71 V to 1.89 V. VAA = 2.6 V to 3.465 V. VDD_IO = 2.97 V to 3.63 V.
All specifications TMIN to TMAX (−40°C to +85°C), unless otherwise noted.
Table 8.
Parameter
Conditions
Min
Typ
Max
Unit
MPU PORT, I2C MODE1
SCL Frequency
0
400
kHz
SCL High Pulse Width, t1
0.6
μs
SCL Low Pulse Width, t2
1.3
μs
Hold Time (Start Condition), t3
0.6
μs
Setup Time (Start Condition), t4
0.6
μs
Data Setup Time, t5
100
ns
SDA, SCL Rise Time, t6
300
ns
SDA, SCL Fall Time, t7
300
ns
Setup Time (Stop Condition), t8
See Figure 19
0.6
μs
MPU PORT, SPI MODE1
SCLK Frequency
0
10
MHz
SPI_SS to SCLK Setup Time, t1
20
ns
SCLK High Pulse Width, t2
50
ns
SCLK Low Pulse Width, t3
50
ns
Data Access Time after SCLK Falling Edge, t4
35
ns
Data Setup Time prior to SCLK Rising Edge, t5
20
ns
Data Hold Time after SCLK Rising Edge, t6
0
ns
SPI_SS to SCLK Hold Time, t7
0
ns
SPI_SS to MISO High Impedance, t8
See Figure 20
40
ns
1 Guaranteed by characterization.
POWER SPECIFICATIONS
VDD = 1.8 V, PVDD = 1.8 V, VAA = 3.3 V, VDD_IO = 3.3 V, TA = 25°C.
Table 9.
Parameter
Conditions
Min
Typ
Max
Unit
NORMAL POWER MODE1, 2
IDD3
SD only (16× oversampling)
90
mA
ED only (8× oversampling)4
65
mA
HD only (4× oversampling)4
91
mA
SD (16× oversampling) and ED (8× oversampling)
95
mA
SD (16× oversampling) and HD (4× oversampling)
122
mA
IDD_IO
1
mA
IAA
3 DACs enabled (ED/HD only)
124
mA
6 DACs enabled (SD only and simultaneous modes )
140
mA
IPLL
SD only, ED only or HD only modes
5
mA
Simultaneous modes
10
mA
SLEEP MODE
IDD
5
μA
IAA
0.3
μA
IDD_IO
0.2
μA
IPLL
0.1
μA
1 RSET1 = 510 Ω (DAC 1, DAC 2, and DAC 3 operating in full-drive mode). RSET2 = 4.12 kΩ (DAC 4, DAC 5, and DAC 6 operating in low drive mode).
2 75% color bar test pattern applied to pixel data pins.
3 IDD is the continuous current required to drive the digital core.
4 Applicable to both single data rate (SDR) and dual data rate (DDR) input modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com