Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341EBZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7341EBZ
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341EBZ Datasheet(HTML) 1 Page - Analog Devices

  ADV7341EBZ Datasheet HTML 1Page - Analog Devices ADV7341EBZ Datasheet HTML 2Page - Analog Devices ADV7341EBZ Datasheet HTML 3Page - Analog Devices ADV7341EBZ Datasheet HTML 4Page - Analog Devices ADV7341EBZ Datasheet HTML 5Page - Analog Devices ADV7341EBZ Datasheet HTML 6Page - Analog Devices ADV7341EBZ Datasheet HTML 7Page - Analog Devices ADV7341EBZ Datasheet HTML 8Page - Analog Devices ADV7341EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 88 page
background image
Multiformat Video Encoder, Six 12-Bit
Noise Shaped Video® DACS
ADV7340/ADV7341
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
74.25 MHz 20-/30-bit high definition input support
Compliant with SMPTE 274 M (1080i), 296 M (720p),
and 240 M (1035i)
6 Noise Shaped Video (NSV)12-bit video DACs
16× (216 MHz) DAC oversampling for SD
8× (216 MHz) DAC oversampling for ED
4× (297 MHz) DAC oversampling for HD
37 mA maximum DAC output current
NTSC M, PAL B/D/G/H/I/M/N, PAL 60 support
NTSC and PAL square pixel operation (24.54 MHz/29.5 MHz)
Multiformat video input support
4:2:2 YCrCb (SD, ED, and HD)
4:4:4 YCrCb (ED and HD)
4:4:4 RGB (SD, ED, and HD)
Multiformat video output support
Composite (CVBS) and S-Video (Y/C)
Component YPrPb (SD, ED, and HD)
Component RGB (SD, ED, and HD)
Macrovision® Rev 7.1.L1 (SD) and Rev 1.2 (ED) compliant
Simultaneous SD and ED/HD operation
EIA/CEA-861B compliance support
Programmable features
Luma and chroma filter responses
Vertical blanking interval (VBI)
Subcarrier frequency (FSC) and phase
Luma delay
Copy generation management system (CGMS)
Closed captioning and wide screen signaling (WSS)
Integrated subcarrier locking to external video source
Complete on-chip video timing generator
On-chip test pattern generation
On-board voltage reference (optional external input)
Serial MPU interface with dual I2C® and SPI® compatibility
3.3 V analog operation
1.8 V digital operation
3.3 V I/O operation
Temperature range: −40°C to +85°C
APPLICATIONS
DVD recorders and players
High definition Blu-ray DVD players
HD-DVD players
FUNCTIONAL BLOCK DIAGRAM
R
GND_IO
VDD_IO
10-BIT
SD
VIDEO
DATA
20-BIT
ED/HD
VIDEO
DATA
S_HSYNC
P_HSYNC P_VSYNC P_BLANK
S_VSYNC
12-BIT
DAC 1
DAC 1
12-BIT
DAC 2
DAC 2
12-BIT
DAC 3
DAC 3
12-BIT
DAC 4
DAC 4
12-BIT
DAC 5
DAC 5
12-BIT
DAC 6
DAC 6
REFERENCE
AND CABLE
DETECT
16x/4x OVERSAMPLING
DAC PLL
VIDEO TIMING GENERATOR
POWER
MANAGEMENT
CONTROL
CLKIN (2) PVDD PGND EXT_LF (2) VREF
COMP (2)
RSET (2)
ED/HD INPUT
DEINTERLEAVE
PROGRAMMABLE
HDTV FILTERS
SHARPNESS AND
ADAPTIVE FILTER
CONTROL
YCbCr
HDTV
TEST
PATTERN
GENERATOR
YCbCr
TO
RGB MATRIX
G/B
RGB
ASYNC
BYPASS
RGB
DGND (2)
VDD (2)
SCL/
MOSI
SDA/
SCLK
ALSB/
SPI_SS
SFL/
MISO
MPU PORT
SUBCARRIER FREQUENCY
LOCK (SFL)
YUV
TO
YCrCb/
RGB
PROGRAMMABLE
CHROMINANCE
FILTER
ADD
BURST
RGB/YCrCb
TO
YUV
MATRIX
4:2:2 TO 4:4:4
HD DDR
DEINTERLEAVE
SIN/COS DDS
BLOCK
16×
FILTER
16×
FILTER
4×
FILTER
AGND
VAA
ADD
SYNC
VBI DATA SERVICE
INSERTION
PROGRAMMABLE
LUMINANCE
FILTER
ADV7340/ADV7341
Figure 1.
Protected by U.S. Patent Numbers 5,343,196 and 5,442,355 and other intellectual property rights.
Protected by U.S. Patent Numbers 4,631,603, 4,577,216, 4,819,098 and other intellectual property rights.


Similar Part No. - ADV7341EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7341 AD-ADV7341_15 Datasheet
1Mb / 108P
Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
Rev. C
More results

Similar Description - ADV7341EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7310 AD-ADV7310 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
8/03-Data Sheet changed from REV. 0 to REV. A.
ADV7320 AD-ADV7320 Datasheet
1,009Kb / 88P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
10/04-Revision 0
ADV7344 AD-ADV7344 Datasheet
1Mb / 88P
Multiformat Video Encoder Six 14-Bit Noise Shaped Video DACs
10/06-Revision 0
ADV7310 AD-ADV7310_15 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7311 AD-ADV7311_15 Datasheet
1Mb / 84P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7320 AD-ADV7320_15 Datasheet
1Mb / 88P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7321 AD-ADV7321_15 Datasheet
1Mb / 88P
Multiformat 216 MHz Video Encoder with Six NSV 12-Bit DACs
REV. A
ADV7340 AD-ADV7340_15 Datasheet
1Mb / 108P
Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
Rev. C
ADV7341 AD-ADV7341_15 Datasheet
1Mb / 108P
Multiformat Video Encoder, Six 12-Bit Noise Shaped Video DACS
Rev. C
ADV7344 AD-ADV7344_15 Datasheet
2Mb / 108P
Multiformat Video Encoder Six 14-Bit Noise Shaped Video DACs
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com