Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341EBZ Datasheet(PDF) 49 Page - Analog Devices

Part # ADV7341EBZ
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341EBZ Datasheet(HTML) 49 Page - Analog Devices

Back Button ADV7341EBZ Datasheet HTML 45Page - Analog Devices ADV7341EBZ Datasheet HTML 46Page - Analog Devices ADV7341EBZ Datasheet HTML 47Page - Analog Devices ADV7341EBZ Datasheet HTML 48Page - Analog Devices ADV7341EBZ Datasheet HTML 49Page - Analog Devices ADV7341EBZ Datasheet HTML 50Page - Analog Devices ADV7341EBZ Datasheet HTML 51Page - Analog Devices ADV7341EBZ Datasheet HTML 52Page - Analog Devices ADV7341EBZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 49 of 88
FEATURES
OUTPUT OVERSAMPLING
The ADV7340/ADV7341 include two on-chip phase locked
loops (PLLs) that allow for oversampling of SD, ED, and HD
video data. Table 36 shows the various oversampling rates
supported in the ADV7340/ADV7341.
SD Only, ED Only, and HD Only Modes
PLL 1 is used in SD only, ED only, and HD only modes. PLL 2 is
unused in these modes. PLL 1 is disabled by default and can be
enabled using Subaddress 0x00, Bit 1 = 0.
SD and ED/HD Simultaneous Modes
Both PLL 1 and PLL 2 are used in simultaneous modes. The use
of two PLLs allows for independent oversampling of SD and
ED/HD video. PLL 1 is used to oversample SD video data, and
PLL 2 is used to oversample ED/HD video data. In simultaneous
modes, PLL 2 is always enabled. PLL 1 is disabled by default and
can be enabled using Subaddress 0x00, Bit 1 = 0.
ED/HD NONSTANDARD TIMING MODE
Subaddress 0x30, Bits[7:3] = 00001
For any ED/HD input data that does not conform to the
standards available in the ED/HD input mode table
(Subaddress 0x30, Bits[7:3]), the ED/HD nonstandard timing
mode can be used to interface to the ADV7340/ADV7341.
ED/HD nonstandard timing mode can be enabled by setting
Subaddress 0x30, Bits[7:3] to 00001.
A clock signal must be provided on the CLKIN_A pin.
P_HSYNC and P_VSYNC must be toggled by the user to
generate the appropriate horizontal and vertical synchronization
pulses on the analog output from the encoder. Figure 59 illustrates
the various output levels that can be generated. Table 37 lists the
transitions required to generate these output levels.
Embedded EAV/SAV timing codes are not supported in
ED/HD nonstandard timing mode.
The user must ensure that appropriate pixel data is applied to
the encoder where the blanking level is expected at the output.
Macrovision (ADV7340 only) and output oversampling are not
available in ED/HD nonstandard timing mode.
ACTIVE VIDEO
ANALOG
OUTPUT
a
b
c
b
b
a = TRI-LEVEL SYNCHRONIZATION PULSE LEVEL.
b = BLANKING LEVEL/ACTIVE VIDEO LEVEL.
c = SYNCHRONIZATION PULSE LEVEL.
BLANKING LEVEL
Figure 59. ED/HD Nonstandard Timing Mode Output Levels
Table 36. Output Oversampling Modes and Rates
Input Mode
Subaddress 0x01 [6:4]
PLL and Oversampling Control
Subaddress 0x00, Bit 1
Oversampling Mode and Rate
000
SD only
1
SD (2×)
000
SD only
0
SD (16×)
001/010
ED only
1
ED (1×)
001/010
ED only
0
ED (8×)
001/010
HD only
1
HD (1×)
001/010
HD only
0
HD (4×)
011/100
SD and ED
1
SD (2×) and ED (8×)
011/100
SD and ED
0
SD (16×) and ED (8×)
011/100
SD and HD
1
SD (2×) and HD (4×)
011/100
SD and HD
0
SD (16×) and HD (4×)
111
ED only (at 54 MHz)
1
ED only (at 54 MHz) (1×)
111
ED only (at 54 MHz)
0
ED only (at 54 MHz) (8×)
Table 37. ED/HD Nonstandard Timing Mode Synchronization Signal Generation
Output Level Transition1
P_HSYNC
P_VSYNC
b
→ c
1
→ 0
1
→ 0 or 02
c
→ a
0
0
→ 1
a
→ b
0
→ 1
1
c
→ b
0
→ 1
0
1 a = tri-level synchronization pulse level; b = blanking level/active video level; c = synchronization pulse level.
2 If P_VSYNC = 1, it should transition to 0. If P_VSYNC = 0, it should remain at 0. If tri-level synchronization pulse generation is not required, P_VSYNC should always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com