Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341EBZ Datasheet(PDF) 66 Page - Analog Devices

Part # ADV7341EBZ
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341EBZ Datasheet(HTML) 66 Page - Analog Devices

Back Button ADV7341EBZ Datasheet HTML 62Page - Analog Devices ADV7341EBZ Datasheet HTML 63Page - Analog Devices ADV7341EBZ Datasheet HTML 64Page - Analog Devices ADV7341EBZ Datasheet HTML 65Page - Analog Devices ADV7341EBZ Datasheet HTML 66Page - Analog Devices ADV7341EBZ Datasheet HTML 67Page - Analog Devices ADV7341EBZ Datasheet HTML 68Page - Analog Devices ADV7341EBZ Datasheet HTML 69Page - Analog Devices ADV7341EBZ Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 66 of 88
PRINTED CIRCUIT BOARD LAYOUT AND DESIGN
DAC CONFIGURATIONS
The ADV7340/ADV7341 contain six DACs. All six DACs can
be configured to operate in low drive mode. Low drive mode is
defined as 4.33 mA full-scale current into a 300 Ω load, RL.
DAC 1, DAC 2, and DAC 3 can also be configured to operate in
full-drive mode. Full-drive mode is defined as 34.7 mA full-
scale current into a 37.5 Ω load, RL. Full-drive is the recommended
mode of operation for DAC 1, DAC 2, and DAC 3.
The ADV7340/ADV7341 contain two RSET pins. A resistor
connected between the RSET1 pin and AGND is used to control
the full-scale output current and, therefore, the DAC output
voltage levels of DAC 1, DAC 2, and DAC 3. For low drive
operation, RSET1 must have a value of 4.12 kΩ, and RL must have a
value of 300 Ω. For full-drive operation, RSET1 must have a value
of 510 Ω, and RL must have a value of 37.5 Ω.
A resistor connected between the RSET2 pin and AGND is used
to control the full-scale output current and, therefore, the DAC
output voltage levels of DAC 4, DAC 5, and DAC 6. RSET2 must
have a value of 4.12 kΩ, and RL must have a value of 300 Ω (that
is, low drive operation only).
The resistors connected to the RSET1 and RSET2 pins should have a
1% tolerance.
The ADV7340/ADV7341 contain two compensation pins,
COMP1 and COMP2. A 2.2 nF compensation capacitor should
be connected from each of these pins to VAA.
VOLTAGE REFERENCE
The ADV7340/ADV7341 contain an on-chip voltage reference
that can be used as a board-level voltage reference via the VREF
pin. Alternatively, the ADV7340/ADV7341 can be used with an
external voltage reference by connecting the reference source to
the VREF pin. For optimal performance, an external voltage
reference such as the AD1580 should be used with the
ADV7340/ADV7341. If an external voltage reference is not
used, a 0.1 μF capacitor should be connected from the VREF pin
to VAA.
VIDEO OUTPUT BUFFER AND OPTIONAL
OUTPUT FILTER
An output buffer is necessary on any DAC that operates in low
drive mode (RSET = 4.12 kΩ, RL = 300 Ω). Analog Devices, Inc.
produces a range of op amps suitable for this application, for
example, the AD8061. For more information about line driver
buffering circuits, see the relevant op amp data sheet.
An optional reconstruction (anti-imaging) low-pass filter (LPF)
may be required on the ADV7340/ADV7341 DAC outputs if the
part is connected to a device that requires this filtering.
The filter specifications vary with the application. The use of
16× (SD), 8× (ED), or 4× (HD) oversampling can remove the
requirement for a reconstruction filter altogether.
For applications requiring an output buffer and reconstruction
filter, the ADA4430-1, ADA4411-3, and ADA4410-6 integrated
video filter buffers should be considered.
Table 53. ADV7340/ADV7341 Output Rates
Input Mode
(0x01, Bits[6:4])
PLL Control
(0x00, Bit 1)
Output Rate (MHz)
Off
27
(2x)
SD Only
On
216
(16x)
Off
27
(1x)
ED Only
On
216
(8x)
Off
74.25
(1x)
HD Only
On
297
(4x)
Table 54. Output Filter Requirements
Application
Oversampling
Cutoff
Frequency
(MHz)
Attenuation
–50 dB @
(MHz)
SD
2×
>6.5
20.5
SD
16×
>6.5
209.5
ED
1×
>12.5
14.5
ED
8×
>12.5
203.5
HD
1×
>30
44.25
HD
4×
>30
267
560Ω
600Ω
22pF
600Ω
DAC
OUTPUT
75Ω
BNC
OUTPUT
10µH
560Ω
3
4
1
Figure 84. Example of Output Filter for SD, 16× Oversampling
560Ω
6.8pF
600Ω
6.8pF
600Ω
DAC
OUTPUT
75Ω
BNC
OUTPUT
4.7µH
560Ω
3
4
1
Figure 85. Example of Output Filter for ED, 8× Oversampling
DAC
OUTPUT
390nH
33pF
33pF
75Ω
500Ω
300Ω
75Ω
BNC
OUTPUT
500Ω
3
4
1
3
4
1
Figure 86. Example of Output Filter for HD, 4× Oversampling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com