Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341EBZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADV7341EBZ
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341EBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADV7341EBZ Datasheet HTML 14Page - Analog Devices ADV7341EBZ Datasheet HTML 15Page - Analog Devices ADV7341EBZ Datasheet HTML 16Page - Analog Devices ADV7341EBZ Datasheet HTML 17Page - Analog Devices ADV7341EBZ Datasheet HTML 18Page - Analog Devices ADV7341EBZ Datasheet HTML 19Page - Analog Devices ADV7341EBZ Datasheet HTML 20Page - Analog Devices ADV7341EBZ Datasheet HTML 21Page - Analog Devices ADV7341EBZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 18 of 88
ABSOLUTE MAXIMUM RATINGS
Table 11.
Parameter1
Rating
VAA to AGND
−0.3 V to +3.9 V
VDD to DGND
−0.3 V to +2.3 V
PVDD to PGND
−0.3 V to +2.3 V
VDD_IO to GND_IO
−0.3 V to +3.9 V
VAA to VDD
−0.3 V to +2.2 V
VDD to PVDD
−0.3 V to +0.3 V
VDD_IO to VDD
−0.3 V to +2.2 V
AGND to DGND
−0.3 V to +0.3 V
AGND to PGND
−0.3 V to +0.3 V
AGND to GND_IO
−0.3 V to +0.3 V
DGND to PGND
−0.3 V to +0.3 V
DGND to GND_IO
−0.3 V to +0.3 V
PGND to GND_IO
−0.3 V to +0.3 V
Digital Input Voltage to GND_IO
−0.3 V to VDD_IO + 0.3 V
Analog Outputs to AGND
−0.3 V to VAA
Storage Temperature Range (TS)
−65°C to +150°C
Junction Temperature (TJ)
150°C
Lead Temperature (Soldering, 10 sec)
260°C
1 Analog output short circuit to any power supply or common can be of an
indefinite duration.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
The ADV7340/ADV7341 are high performance integrated
circuits with an ESD rating of <1 kV, and it is ESD sensitive.
Proper precautions should be taken for handling and assembly.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 12. Thermal Resistance1
Package Type
θJA
θJC
Unit
64-Lead LQFP
47
11
°C/W
1 Values are based on a JEDEC 4 layer test board.
The ADV7340/ADV7341 are Pb-free products. The lead finish is
100% pure Sn electroplate. The device is RoHS compliant,
suitable for Pb-free applications up to 255°C (±5°C) IR reflow
(JEDEC STD-20).
Each part is backward-compatible with conventional SnPb
soldering processes. The electroplated Sn coating can be
soldered with Sn/Pb solder paste at conventional reflow
temperatures of 220°C to 235°C.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com