Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341EBZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADV7341EBZ
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341EBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADV7341EBZ Datasheet HTML 5Page - Analog Devices ADV7341EBZ Datasheet HTML 6Page - Analog Devices ADV7341EBZ Datasheet HTML 7Page - Analog Devices ADV7341EBZ Datasheet HTML 8Page - Analog Devices ADV7341EBZ Datasheet HTML 9Page - Analog Devices ADV7341EBZ Datasheet HTML 10Page - Analog Devices ADV7341EBZ Datasheet HTML 11Page - Analog Devices ADV7341EBZ Datasheet HTML 12Page - Analog Devices ADV7341EBZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 9 of 88
VIDEO PERFORMANCE SPECIFICATIONS
VDD = 1.8 V, PVDD = 1.8 V, VAA = 3.3 V, VDD_IO = 3.3 V, TA = 25°C, VREF driven externally.
Table 10.
Parameter
Conditions
Min
Typ
Max
Unit
STATIC PERFORMANCE
Resolution
12
Bits
Integral Nonlinearity
RSET1 = 510 Ω, RL1 = 37.5 Ω
0.75
LSBs
RSET2 = 4.12 kΩ, RL2 = 300 Ω
1
LSBs
Differential Nonlinearity1 +ve
RSET1 = 510 Ω, RL1 = 37.5 Ω
0.25
LSBs
RSET2 = 4.12 kΩ, RL2 = 300 Ω
0.8
LSBs
Differential Nonlinearity1 −ve
RSET1 = 510 Ω, RL1 = 37.5 Ω
0.43
LSBs
RSET2 = 4.12 kΩ, RL2 = 300 Ω
0.35
LSBs
STANDARD DEFINTION (SD) MODE
Luminance Nonlinearity
0.35
±%
Differential Gain
NTSC
0.3
%
Differential Phase
NTSC
0.4
Degrees
SNR
Luma ramp
63
dB
SNR
Flat field full bandwidth
79.5
dB
ENHANCED DEFINITION (ED) MODE
Luma Bandwidth
12.5
MHz
Chroma Bandwidth
5.8
MHz
HIGH DEFINITION (HD) MODE
Luma Bandwidth
30
MHz
Chroma Bandwidth
13.75
MHz
1 Differential nonlinearity (DNL) measures the deviation of the actual DAC output voltage step from the ideal. For +ve DNL, the actual step value lies above the ideal
step value. For −ve DNL, the actual step value lies below the ideal step value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com