Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341EBZ Datasheet(PDF) 58 Page - Analog Devices

Part # ADV7341EBZ
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341EBZ Datasheet(HTML) 58 Page - Analog Devices

Back Button ADV7341EBZ Datasheet HTML 54Page - Analog Devices ADV7341EBZ Datasheet HTML 55Page - Analog Devices ADV7341EBZ Datasheet HTML 56Page - Analog Devices ADV7341EBZ Datasheet HTML 57Page - Analog Devices ADV7341EBZ Datasheet HTML 58Page - Analog Devices ADV7341EBZ Datasheet HTML 59Page - Analog Devices ADV7341EBZ Datasheet HTML 60Page - Analog Devices ADV7341EBZ Datasheet HTML 61Page - Analog Devices ADV7341EBZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 58 of 88
SD gamma correction is enabled using Subaddress 0x88, Bit 6.
SD Gamma Correction Curve A is programmed at Subaddress
0xA6 to Subaddress 0xAF, and SD Gamma Correction Curve B
is programmed at Subaddress 0xB0 to Subaddress 0xB9.
Gamma correction is performed on the luma data only. The
user can choose one of two correction curves, Curve A or
Curve B. Only one of these curves can be used at a time. For
ED/HD gamma correction, curve selection is controlled using
Subaddress 0x35, Bit 4. For SD gamma correction, curve
selection is controlled using Subaddress 0x88, Bit 7.
The shape of the gamma correction curve is controlled by
defining the curve response at 10 different locations along the
curve. By altering the response at these locations, the shape of
the gamma correction curve can be modified. Between these
points, linear interpolation is used to generate intermediate
values. Considering the curve has a total length of 256 points,
the 10 programmable locations are at points 24, 32, 48, 64, 80,
96, 128, 160, 192, and 224. Locations 0, 16, 240, and 255 are
fixed and cannot be changed.
From curve locations 16 to 240, the values at the programmable
locations and, therefore, the response of the gamma correction
curve should be calculated to produce the following result:
xDESIRED
= (xINPUT)γ
where:
xDESIRED
is the desired gamma corrected output.
xINPUT
is the linear input signal.
γ is the gamma correction factor.
To program the gamma correction registers, calculate the
10 programmable curve values using the following formula:
16
)
16
240
(
16
240
16
+
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
⎟
⎠
⎞
⎜
⎝
⎛
−
−
=
γ
γ
n
n
where:
γn
is the value to be written into the gamma correction register
for point n on the gamma correction curve.
n
= 24, 32, 48, 64, 80, 96, 128, 160, 192, or 224.
γ
is the gamma correction factor.
For example, setting γ = 0.5 for all programmable curve data
points results in the following yn values:
y24
= [(8/224)0.5 × 224] + 16 = 58
y32
= [(16/224)0.5 × 224] + 16 = 76
y48
= [(32/224)0.5 × 224] + 16 = 101
y64
= [(48/224)0.5 × 224] + 16 = 120
y80
= [(64/224)0.5 × 224] + 16 = 136
y96
= [(80/224)0.5 × 224] + 16 = 150
y128
= [(112/224)0.5 × 224] + 16 = 174
y160
= [(144/224)0.5 × 224] + 16 = 195
y192
= [(176/224)0.5 × 224] + 16 = 214
y224
= [(208/224)0.5 × 224] + 16 = 232
where the sum of each equation is rounded to the nearest integer.
The gamma curves in Figure 70 and Figure 71 are examples only;
any user-defined curve in the range from 16 to 240 is acceptable.
LOCATION
0
0
50
100
150
200
250
300
50
100
150
200
250
0.5
SIGNAL INPUT
SIGNAL OUTPUT
GAMMA CORRECTION BLOCK OUTPUT TO A RAMP INPUT
Figure 70. Signal Input (Ramp) and Signal Output for Gamma 0.5
LOCATION
0
0
50
100
150
200
250
300
50
100
150
200
250
GAMMA CORRECTION BLOCK TO A RAMP INPUT FOR
VARIOUS GAMMA VALUES
0.3
0.5
1.5
1.8
SIG
NA
L I
NP
UT
Figure 71. Signal Input (Ramp) and Selectable Output Curves



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com