Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341EBZ Datasheet(PDF) 75 Page - Analog Devices

Part # ADV7341EBZ
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341EBZ Datasheet(HTML) 75 Page - Analog Devices

Back Button ADV7341EBZ Datasheet HTML 71Page - Analog Devices ADV7341EBZ Datasheet HTML 72Page - Analog Devices ADV7341EBZ Datasheet HTML 73Page - Analog Devices ADV7341EBZ Datasheet HTML 74Page - Analog Devices ADV7341EBZ Datasheet HTML 75Page - Analog Devices ADV7341EBZ Datasheet HTML 76Page - Analog Devices ADV7341EBZ Datasheet HTML 77Page - Analog Devices ADV7341EBZ Datasheet HTML 78Page - Analog Devices ADV7341EBZ Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 75 of 88
APPENDIX 4—INTERNAL TEST PATTERN GENERATION
SD TEST PATTERNS
The ADV7340/ADV7341 are able to generate SD color bar and
black bar test patterns.
The register settings in Table 56 are used to generate an SD
NTSC 75% color bar test pattern. CVBS output is available on
DAC 4, S-Video (Y/C) output is on DAC 5 and DAC 6, and
YPrPb output is on DAC 1 to DAC 3. Upon power-up, the
subcarrier frequency registers default to the appropriate values
for NTSC. All other registers are set as normal/default.
Table 56. SD NTSC Color Bar Test Pattern Register Writes
Subaddress
Setting
0x00
0xFC
0x82
0xC9
0x84
0x40
To generate an SD NTSC black bar test pattern, the same
settings shown in Table 56 should be used with an additional
write of 0x24 to Subaddress 0x02.
For PAL output of either test pattern, the same settings are used,
except that Subaddress 0x80 is programmed to 0x11 and the
subcarrier frequency registers are programmed as shown in
Table 57.
Table 57. PAL FSC Register Writes
Subaddress
Description
Setting
0x8C
FSC0
0xCB
0x8D
FSC1
0x8A
0x8E
FSC2
0x09
0x8F
FSC3
0x2A
Note that when programming the FSC registers, the user must
write the values in the sequence FSC0, FSC1, FSC2, FSC3. The full
FSC value to be written is accepted only after the FSC3 write is
complete.
ED/HD TEST PATTERNS
The ADV7340/ADV7341 are able to generate ED/HD color bar,
black bar, and hatch test patterns.
The register settings in Table 58 are used to generate an ED
525p hatch test pattern. YPrPb output is available on DAC 1 to
DAC 3. All other registers are set as normal/default.
Table 58. ED 525p Hatch Test Pattern Register Writes
Subaddress
Setting
0x00
0x1C
0x01
0x10
0x31
0x05
To generate an ED 525p black bar test pattern, the same settings
as shown in Table 58 should be used with an additional write of
0x24 to Subaddress 0x02.
To generate an ED 525p flat field test pattern, the same settings
shown in Table 58 should be used, except that 0x0D should be
written to Subaddress 0x31.
The Y, Cr, and Cb levels for the hatch and flat field test patterns
can be controlled using Subaddress 0x36, Subaddress 0x37, and
Subaddress 0x38, respectively.
For ED/HD standards other than 525p, the same settings as
shown in Table 58 (and subsequent comments) are used except
that Subaddress 0x30, Bits[7:3] are updated as appropriate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com