Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341EBZ Datasheet(PDF) 59 Page - Analog Devices

Part # ADV7341EBZ
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341EBZ Datasheet(HTML) 59 Page - Analog Devices

Back Button ADV7341EBZ Datasheet HTML 55Page - Analog Devices ADV7341EBZ Datasheet HTML 56Page - Analog Devices ADV7341EBZ Datasheet HTML 57Page - Analog Devices ADV7341EBZ Datasheet HTML 58Page - Analog Devices ADV7341EBZ Datasheet HTML 59Page - Analog Devices ADV7341EBZ Datasheet HTML 60Page - Analog Devices ADV7341EBZ Datasheet HTML 61Page - Analog Devices ADV7341EBZ Datasheet HTML 62Page - Analog Devices ADV7341EBZ Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 59 of 88
ED/HD SHARPNESS FILTER AND ADAPTIVE
FILTER CONTROLS
Subaddress 0x40, Subaddress 0x58 to Subaddress 0x5D
There are three filter modes available on the ADV7340/ADV7341:
a sharpness filter mode and two adaptive filter modes.
ED/HD Sharpness Filter Mode
To enhance or attenuate the Y signal in the frequency ranges
shown in Figure 72, the ED/HD sharpness filter must be
enabled (Subaddress 0x31, Bit 7) and the ED/HD adaptive filter
must be disabled (Subaddress 0x35, Bit 7).
To select one of the 256 individual responses, the corresponding
gain values, which range from –8 to +7 for each filter, must be
programmed into the ED/HD sharpness filter gain register at
Subaddress 0x40.
ED/HD Adaptive Filter Mode
The ED/HD Adaptive Filter Threshold A, B, and C registers, the
ED/HD Adaptive Filter Gain 1, 2, and 3 registers, and the
ED/HD sharpness filter gain register are used in adaptive filter
mode. To activate the adaptive filter control, the ED/HD
sharpness filter and the ED/HD adaptive filter must be enabled
(Subaddress 0x31, Bit 7, and Subaddress 0x35, Bit 7, respectively).
The derivative of the incoming signal is compared to the
three programmable threshold values: ED/HD Adaptive Filter
Threshold A, B, and C (Subaddress 0x5B, Subaddress 0x5C, and
Subaddress 0x5D, respectively). The recommended threshold
range is 16 to 235, although any value in the range of 0 to 255
can be used.
The edges can then be attenuated with the settings in the
ED/HD Adaptive Filter Gain 1, 2, and 3 registers (Subaddress
0x58, Subaddress 0x59, and Subaddress 0x5A, respectively), and
the ED/HD sharpness filter gain register (Subaddress 0x40).
There are two adaptive filter modes available. The mode
is selected using the ED/HD adaptive filter mode control
(Subaddress 0x35, Bit 6):
•
Mode A is used when the ED/HD adaptive filter mode
control is set to 0. In this case, Filter B (LPF) is used in the
adaptive filter block. In addition, only the programmed
values for Gain B in the ED/HD sharpness filter gain
register and ED/HD Adaptive Filter Gain 1, 2, and 3
registers are applied when needed. The Gain A values are
fixed and cannot be changed.
•
Mode B is used when ED/HD adaptive filter mode control
is set to 1. In this mode, a cascade of Filter A and Filter B is
used. Both settings for Gain A and Gain B in the ED/HD
sharpness filter gain register and ED/HD Adaptive Filter
Gain 1, 2, and 3 registers become active when needed.
FREQUENCY (MHz)
FILTER A RESPONSE (Gain Ka)
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
FREQUENCY (MHz)
FILTER B RESPONSE (Gain Kb)
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
FREQUENCY (MHz)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
10
12

INPUT
SIGNAL:
STEP
FREQUENCY RESPONSE IN SHARPNESS
FILTER MODE WITH Ka = 3 AND Kb = 7
SHARPNESS AND ADAPTIVE FILTER CONTROL BLOCK
0
2
4
6
8
Figure 72. ED/HD Sharpness and Adaptive Filter Control Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com