Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341EBZ Datasheet(PDF) 55 Page - Analog Devices

Part # ADV7341EBZ
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341EBZ Datasheet(HTML) 55 Page - Analog Devices

Back Button ADV7341EBZ Datasheet HTML 51Page - Analog Devices ADV7341EBZ Datasheet HTML 52Page - Analog Devices ADV7341EBZ Datasheet HTML 53Page - Analog Devices ADV7341EBZ Datasheet HTML 54Page - Analog Devices ADV7341EBZ Datasheet HTML 55Page - Analog Devices ADV7341EBZ Datasheet HTML 56Page - Analog Devices ADV7341EBZ Datasheet HTML 57Page - Analog Devices ADV7341EBZ Datasheet HTML 58Page - Analog Devices ADV7341EBZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 55 of 88
If RGB output is selected, the ED/HD CSC matrix scalar uses
the following equations:
R
= GY × Y + RV × Pr
G
= GY × Y − (GU × Pb) − (GV × Pr)
B
= GY × Y + BU × Pb
Note that subtractions are implemented in hardware.
If YPrPb output is selected, the following equations are used:
Y
= GY × Y
Pr
= RV × Pr
Pb
= BU × Pb
where:
GY
= Subaddress 0x05, Bits[7:0] and Subaddress 0x03, Bits[1:0].
GU
= Subaddress 0x06, Bits[7:0] and Subaddress 0x04, Bits[7:6].
GV
= Subaddress 0x07, Bits[7:0] and Subaddress 0x04, Bits[5:4].
BU
= Subaddress 0x08, Bits[7:0] and Subaddress 0x04, Bits[3:2].
RV
= Subaddress 0x09, Bits[7:0] and Subaddress 0x04, Bits[1:0].
Upon power-up, the CSC matrix is programmed with the
default values shown in Table 44.
Table 44. ED/HD Manual CSC Matrix Default Values
Subaddress
Default
0x03
0x03
0x04
0xF0
0x05
0x4E
0x06
0x0E
0x07
0x24
0x08
0x92
0x09
0x7C
When the ED/HD manual CSC matrix adjust feature is enabled,
the default coefficient values in Subaddress 0x03 to Subad-
dress 0x09 are correct for the HD color space only. The color
components are converted according to the following 1080i and
720p standards (SMPTE 274M, SMPTE 296M):
R
= Y + 1.575Pr
G
= Y − 0.468Pr − 0.187Pb
B
= Y + 1.855Pb
The conversion coefficients should be multiplied by 315 before
being written to the ED/HD CSC matrix registers. This is
reflected in the default values for GY = 0x13B, GU = 0x03B,
GV = 0x093, BU = 0x248, and RV = 0x1F0.
If the ED/HD manual CSC matrix adjust feature is enabled and
another input standard (such as ED) is used, the scale values for
GY, GU, GV, BU, and RV must be adjusted according to this
input standard color space. The user should consider that the
color component conversion could use different scale values.
For example, SMPTE 293M uses the following conversion:
R
= Y + 1.402Pr
G
= Y – 0.714Pr – 0.344Pb
B
= Y + 1.773Pb
The programmable CSC matrix is used for external ED/HD
pixel data and is not functional when internal test patterns are
enabled.
Programming the CSC Matrix
If custom manipulation of the ED/HD CSC matrix coefficients
is required for a YCrCb-to-RGB color space conversion, use the
following procedure:
1.
Enable the ED/HD manual CSC matrix adjust feature
(Subaddress 0x02, Bit 3).
2.
Set the output to RGB (Subaddress 0x02, Bit 5).
3.
Disable sync on PrPb (Subaddress 0x35, Bit 2).
4.
Enable sync on RGB (optional) (Subaddress 0x02, Bit 4).
The GY value controls the green signal output level, the BU
value controls the blue signal output level, and the RV value
controls the red signal output level.
SD LUMA AND COLOR CONTROL
Subaddress 0x9C to Subaddress 0x9F
SD Y Scale, SD Cb Scale, and SD Cr Scale are three 10-bit
control registers that scale the SD Y, Cb, and Cr output levels.
Each of these registers represents the value required to scale the
Cb or Cr level from 0.0 to 2.0 times its initial value and the
Y level from 0.0 to 1.5 times its initial level. The value of these
10 bits is calculated using the following equation:
Y, Cb, or Cr Scale Value
= Scale Factor × 512
For example, if Scale Factor = 1.3
Y, Cb, or Cr Scale Value
= 1.3 × 512 = 665.6
Y, Cb, or Cr Scale Value
= 666 (rounded to the nearest integer)
Y, Cb, or Cr Scale Value
= 1010 0110 10b
Subaddress 0x9C, SD Scale LSB Register = 0x2A
Subaddress 0x9D, SD Y Scale Register = 0xA6
Subaddress 0x9E, SD Cb Scale Register = 0xA6
Subaddress 0x9F, SD Cr Scale Register = 0xA6
Note that this feature affects all interlaced output signals, that is,
CVBS, Y/C, YPrPb, and RGB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com