Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV7341EBZ Datasheet(PDF) 72 Page - Analog Devices

Part # ADV7341EBZ
Description  Multiformat Video Encoder, Six 12-Bit Noise Shaped Video짰 DACS
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7341EBZ Datasheet(HTML) 72 Page - Analog Devices

Back Button ADV7341EBZ Datasheet HTML 68Page - Analog Devices ADV7341EBZ Datasheet HTML 69Page - Analog Devices ADV7341EBZ Datasheet HTML 70Page - Analog Devices ADV7341EBZ Datasheet HTML 71Page - Analog Devices ADV7341EBZ Datasheet HTML 72Page - Analog Devices ADV7341EBZ Datasheet HTML 73Page - Analog Devices ADV7341EBZ Datasheet HTML 74Page - Analog Devices ADV7341EBZ Datasheet HTML 75Page - Analog Devices ADV7341EBZ Datasheet HTML 76Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 88 page
background image
ADV7340/ADV7341
Rev. 0 | Page 72 of 88
CRC SEQUENCE
REF
4T
4.15µs ± 60ns
22.84µs ± 210ns
22T
T = 1/(fH × 2200/77) = 1.038µs
fH = HORIZONTAL SCAN FREQUENCY
1H
T ± 30ns
0mV
–300mV
70% ± 10%
+700mV
C0
C1
C2
C3
C4
C5
C6
C7
C8
C9 C10 C11 C12 C13 C14 C15 C16 C17 C18 C19
BIT 1 BIT 2
BIT 20
Figure 95. High Definition (1080i) CGMS Waveform
BIT 1 BIT 2
H0
H1
H2
H3
H4
H5
P0
P1
P2
P3
P4
CRC SEQUENCE
0mV
–300mV
+700mV
.
P122 P123 P124 P125 P126 P127
START
.
.
70% ± 10%
NOTES
1. PLEASE REFER TO THE CEA-805-A SPECIFICATION FOR TIMING INFORMATION.
BIT 134
Figure 96. Enhanced Definition (525p) CGMS Type B Waveform
0mV
–300mV
+700mV
70% ± 10%
NOTES
1. PLEASE REFER TO THE CEA-805-A SPECIFICATION FOR TIMING INFORMATION.
BIT 1 BIT 2
H0
H1
H2
H3
H4
H5
P0
P1
P2
P3
P4
CRC SEQUENCE
.
P122 P123 P124 P125 P126 P127
.
.
START
BIT 134
Figure 97. High Definition (720p and 1080i) CGMS Type B Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com