Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1821 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1821
Description  Step-Down DC-to-DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1821 Datasheet(HTML) 5 Page - Analog Devices

  ADP1821 Datasheet HTML 1Page - Analog Devices ADP1821 Datasheet HTML 2Page - Analog Devices ADP1821 Datasheet HTML 3Page - Analog Devices ADP1821 Datasheet HTML 4Page - Analog Devices ADP1821 Datasheet HTML 5Page - Analog Devices ADP1821 Datasheet HTML 6Page - Analog Devices ADP1821 Datasheet HTML 7Page - Analog Devices ADP1821 Datasheet HTML 8Page - Analog Devices ADP1821 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
ADP1821
Rev. B | Page 5 of 24
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VCC, SHDN, SYNC, FREQ, COMP, SS, FB to
GND, PVCC to PGND, BST to SW
−0.3 V to +6 V
BST to GND
−0.3 V to +30 V
CSL to GND
−1 V to +30 V
DH to GND
(VSW − 0.3 V) to
(VBST + 0.3 V)
DL to PGND
−0.3 V to
(VPVCC + 0.3 V)
SW to GND
−2 V to +30 V
PGND to GND
±2 V
θJA, 2-Layer (SEMI Standard Board)
150°C/W
θJA, 4-Layer (JEDEC Standard Board)
105°C/W
Operating Ambient Temperature Range
−40°C to +85°C
Operating Junction Temperature Range
−55°C to +125°C
Storage Temperature Range
−65°C to +150°C
Maximum Soldering Lead Temperature
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other condition s above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Absolute maximum ratings apply individually only, not in
combination. Unless otherwise specified, all other voltages
are referenced to GND.
ESD CAUTION
SIMPLIFIED BLOCK DIAGRAM
THERMAL
SHUTDOWN
LOGIC
UVLO
OSCILLATOR
FAULT
S
R
Q
Q
PWM
VCC
FAULT
REFERENCE
THSD
UVLO
OV
0.6V
UV
0.8V
100kΩ
2.5kΩ
BST
DH
SW
PVCC
DL
PGND
CSL
PWGD
FB
SS
COMP
SYNC
FREQ
GND
VCC
ADP1821
SHDN
Figure 3. Simplified Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com