Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1821 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP1821
Description  Step-Down DC-to-DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1821 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP1821 Datasheet HTML 12Page - Analog Devices ADP1821 Datasheet HTML 13Page - Analog Devices ADP1821 Datasheet HTML 14Page - Analog Devices ADP1821 Datasheet HTML 15Page - Analog Devices ADP1821 Datasheet HTML 16Page - Analog Devices ADP1821 Datasheet HTML 17Page - Analog Devices ADP1821 Datasheet HTML 18Page - Analog Devices ADP1821 Datasheet HTML 19Page - Analog Devices ADP1821 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADP1821
Rev. B | Page 16 of 24
If the zero produced by the ESR of the output capacitor pro-
vides sufficient phase boost at crossover, Type II compensation
is adequate. If the phase boost produced by the ESR of the output
capacitor is not sufficient, another zero is added to the compen-
sation network, and thus Type III is used. A general rule to
determine the scheme whether the phase contribution of the
ESR zero is greater than 70 degrees at crossover.
In Figure 16, the location of the ESR zero corner frequency gives
significantly different net phase at the crossover frequency.
GAIN
FREQUENCY
PHASE
LC FILTER BODE PLOT
PHASE CONTRIBUTION AT CROSSOVER
OF VARIOUS ESR ZERO CORNERS
fSW
fCO
fESR3
fESR2
fESR1
0dB
fLC
–40dB/dec
–20dB/dec
0°
–90°
–180°
Φ1
Φ2
Φ3
Figure 16. LC Filter Bode Plot
Using a linear approximation from Figure 16, the phase contri-
bution of the ESR zero at crossover can be estimated by
ESR
CO
ESR
f
f
×
×
=
10
log
45
ϕ
(25)
If φESR ≥ 70, then Type II compensation is adequate.
If φESR < 70, use Type III, as an additional zero is needed.
The total phase of the system at crossover is the sum of the
contributing elements, namely
φT = φLC + φESR + φCOMP
(26)
where:
φLC = −180.
φESR is as calculated in Equation 25.
φCOMP = −90 + φP + φZ
(27)
Note in the compensator phase expression shown in Equation 27,
the −90 degree term is the phase contributed by the initial inte-
grator pole. The φP is the additional phase contributed by the
high frequency compensation poles placed above crossover, and
φZ is the phase contributed by the compensation zeros placed
below crossover. For the system to be stable at crossover, phase
boost is required from the compensator.
For stability, the total phase at crossover is designed to be equal
to −120 degrees
φT = φLC + φESR + φCOMP
(28)
−120 = −180 + φESR + −90 + φP + φZ
(29)
Define phase boost, φB, to be that portion of the phase at
crossover contributed by the compensator’s higher order
poles and zeros:
φB = φP + φZ
(30)
φB = 150 − φESR
(31)
D. Venable, in his article “The K Factor: A New Mathematical
Tool for Stability Analysis and Synthesis,” 1983, showed that an
optimum compensation solution was to place the zeros and
poles symmetrically around the crossover frequency. He derived
a factor known as K with which the frequencies of the compen-
sation zeros and poles may be calculated. K is calculated for the
type of compensation selected Figure 17.
Type II Compensator
G
(dB)
PHASE
–180°
–270°
fZ
fP
0V
VRAMP
CHF
CI
RZ
RTOP
RBOT
FROM
VOUT
VREF
EA
COMP
TO PWM
–1
SLO
PE
–1
SLO
PE
Figure 17. Type II Compensation
To calculate K for Type II compensation use
⎟
⎠
⎞
⎜
⎝
⎛
+
=
45
2
tan
B
φ
K
(32)
Values of K between 4 and 15 are practical for implementation,
so if the selected type of compensation does not yield a reason-
able value of K, try the other type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com