Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1821 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP1821
Description  Step-Down DC-to-DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1821 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP1821 Datasheet HTML 14Page - Analog Devices ADP1821 Datasheet HTML 15Page - Analog Devices ADP1821 Datasheet HTML 16Page - Analog Devices ADP1821 Datasheet HTML 17Page - Analog Devices ADP1821 Datasheet HTML 18Page - Analog Devices ADP1821 Datasheet HTML 19Page - Analog Devices ADP1821 Datasheet HTML 20Page - Analog Devices ADP1821 Datasheet HTML 21Page - Analog Devices ADP1821 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
ADP1821
Rev. B | Page 18 of 24
Calculate the compensator gain needed at crossover to achieve
0 dB total system gain:
AT = AMOD + AFILTER + ACOMP
(52)
0 dB = AMOD + AFILTER + ACOMP
(53)
ACOMP
= 0 dB − AMOD − AFILTER
(54)
Calculate the value of RZ to achieve the previous gain by
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
=
FF
TOP
Z
COMP
Z
R
R
A
||
log
20
(55)
()
⎟
⎠
⎞
⎜
⎝
⎛
×
=
20
10
||
COMP
A
FF
TOP
Z
Z
R
R
(56)
Calculate the integrator capacitor value to place the compen-
sation zero at the desired frequency:
Z
Z
I
f
R
π
C
2
1
=
(57)
Calculate the capacitor value for the high frequency pole by
P
Z
HF
f
R
π
C
2
1
=
(58)
Check that the calculated component values are reasonable.
For instance, capacitors smaller than about 10 pF should be
avoided. In addition, the ADP1821 error amplifier has finite
output current drive, so RZ values less than a few kilohm and CI
values greater than 10 nF should be avoided. If necessary, recal-
culate the compensation network with a different starting value
of RTOP. If CHF is too small, start with a smaller value RTOP. If RZ
is too small and CI is too big, start with a larger value of RTOP.
SETTING THE SOFT START PERIOD
The ADP1821 uses an adjustable soft start to limit the output
voltage ramp-up period, limiting the input inrush current. The
soft start is set by selecting the capacitor, CSS, from SS to GND.
The ADP1821 charges CSS to 0.8 V through an internal 100 kΩ
resistor. The voltage on CSS while it is charging is
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
=
SS
RC
t
CSS
e
V
1
V
8
.
0
(59)
where R is the internal 100 kΩ resistor.
The soft start period, tSS, is achieved when VCSS = 0.6 V or
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
=
Ω
)
(
k
100
1
V
8
.
0
V
6
.
0
SS
SS
C
t
e
(60)
or
()
386
.
1
V
8
.
0
V
6
.
0
1
n
1
kΩ
100
=
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
−
−
=
SS
SS
C
t
(61)
Solve for CSS by
CSS
= tSS × 7.21 μF/sec
(62)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com