Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1821 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP1821
Description  Step-Down DC-to-DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1821 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP1821 Datasheet HTML 16Page - Analog Devices ADP1821 Datasheet HTML 17Page - Analog Devices ADP1821 Datasheet HTML 18Page - Analog Devices ADP1821 Datasheet HTML 19Page - Analog Devices ADP1821 Datasheet HTML 20Page - Analog Devices ADP1821 Datasheet HTML 21Page - Analog Devices ADP1821 Datasheet HTML 22Page - Analog Devices ADP1821 Datasheet HTML 23Page - Analog Devices ADP1821 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
ADP1821
Rev. B | Page 23 of 24
SUMMARY OF EQUATIONS
The following equations are for the reference and convenience
of the user. Equations are replicated from the Compensating the
Voltage Mode Buck Regulator section.
COMPENSATION EQUATIONS
See the Compensating the Voltage Mode Buck Regulator
section.
10
SW
CO
f
f
=
LC
f
LC
π
2
1
=
OUT
ESR
ESR
C
R
f
π
2
1
=
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
−
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
−
=
ESR
CO
LC
ESR
FILTER
f
f
f
f
A
log
dB
20
log
dB
40
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
=
RAMP
IN
MOD
V
V
A
log
20
ESR
CO
ESR
f
f
×
×
=
10
log
45
ϕ
ESR
B
ϕ
ϕ
−
=150
If
70
≥
ESR
ϕ
, use Type II compensation.
If
70
<
ESR
ϕ
, use Type III compensation.
TYPE II COMPENSATION EQUATIONS
See the Type II Compensator section.
⎟
⎠
⎞
⎜
⎝
⎛
+
=
45
2
tan
B
K
φ
K
f
f
CO
Z =
fP
= fCOK
Select RTOP between 1 k and 10 k; a good starting value is 2 k.
FB
OUT
TOP
FB
BOT
V
V
R
V
R
−
=
ACOMP = 0 dB − AMOD − AFILTER
⎟
⎠
⎞
⎜
⎝
⎛
×
=
20
10
COMP
A
TOP
Z
R
R
Z
Z
I
f
R
C
π
2
1
=
P
Z
HF
f
R
C
π
2
1
=
TYPE III COMPENSATION EQUATIONS
See the Type III Compensator section.
2
45
2
tan
⎟
⎠
⎞
⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛
+
=
B
φ
K
K
f
f
CO
Z =
fP
= fCO √K
Select RTOP between 1 k and 10 k. A good starting value is 2 k.
V
V
R
V
R
OUT
TOP
BOT
6
.
0
6
.
0
−
×
=
Z
TOP
FF
f
R
C
π
2
1
=
P
FF
FF
f
C
R
π
2
1
=
FF
CO
FF
FF
R
f
C
Z
+
=
π
2
1
ACOMP = 0 dB − AMOD − AFILTER
()
⎟
⎠
⎞
⎜
⎝
⎛
×
=
20
10
||
COMP
A
FF
TOP
Z
Z
R
R
Z
Z
I
f
R
C
π
2
1
=
P
Z
HF
f
R
C
π
2
1
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com