Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1821 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1821
Description  Step-Down DC-to-DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1821 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1821 Datasheet HTML 2Page - Analog Devices ADP1821 Datasheet HTML 3Page - Analog Devices ADP1821 Datasheet HTML 4Page - Analog Devices ADP1821 Datasheet HTML 5Page - Analog Devices ADP1821 Datasheet HTML 6Page - Analog Devices ADP1821 Datasheet HTML 7Page - Analog Devices ADP1821 Datasheet HTML 8Page - Analog Devices ADP1821 Datasheet HTML 9Page - Analog Devices ADP1821 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADP1821
Rev. B | Page 6 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
DH
SW
SYNC
PWGD
SHDN
FREQ
BST
DL
PGND
CSL
FB
GND
SS
COMP
VCC
PVCC
TOP VIEW
(Not to Scale)
ADP1821
Figure 4. Pin Configuration
Table 3. Pin Function Description
Pin No.
Mnemonic
Description
1
BST
High-Side Gate Driver Boost Capacitor Input. A capacitor between SW and BST powers the high-side gate driver, DH.
The capacitor is charged through a diode from PVCC when the low-side MOSFET is on. Connect a 0.1 μF or greater
ceramic capacitor from BST to SW and a Schottky diode from PVCC to BST to power the high-side gate driver.
2
DH
High-Side Gate Driver Output. Connect DH to the gate of the external high-side, N-channel MOSFET switch. DH is
powered from the capacitor between SW and BST, and its voltage swings between VSW and VBST.
3
SW
Power Switch Node. Connect the source of the high-side, N-channel MOSFET switch and the drain of the low-side,
N-channel MOSFET synchronous rectifier to SW. SW powers the output through the output LC filter.
4
SYNC
Frequency Synchronization Input. Drive SYNC with an external 300 kHz to 1.2 MHz signal to synchronize the converter
switching frequency to the applied signal. The maximum SYNC frequency is limited to 2 times the nominal internal
frequency selected by FREQ. Do not leave SYNC unconnected; when not used, connect SYNC to GND.
5
FREQ
Frequency Select Input. FREQ selects the converter switching frequency. Drive FREQ low to select 300 kHz, or high
to select 600 kHz. Do not leave FREQ unconnected.
6
SHDN
Active-Low DC-to-DC Shutdown Input. Drive SHDN high to turn on the converter and low to turn it off. Connect
SHDN to VCC for automatic startup.
7
PWGD
Open-Drain Power-Good Output. PWGD sinks current to GND when the output voltage is above or below the
regulation voltage. Connect a pull-up resistor from PWGD to VDD for a logical power-good indicator.
8
GND
Analog Ground. Connect GND to PGND at a single point as close as possible to the internal circuitry (IC).
9
SS
Soft Start Control Input. A capacitor from SS to GND controls the soft start period. When the output is overloaded,
SS is discharged to prevent excessive input current while the output recovers. Connect a 1 nF capacitor to 1 μF
capacitor from SS to GND to set the soft start period. See the Soft Start section.
10
FB
Voltage Feedback Input. Connect to a resistive voltage divider from the output to FB to set the output voltage. See
the Setting the Output Voltage section.
11
COMP
Compensation Node. Connect a resistor-capacitor network from COMP to FB to compensate the regulation control
system. See the Compensation section.
12
VCC
Internal Power Supply Input. VCC powers the internal circuitry. Bypass VCC to GND with a 0.1 μF or greater
capacitor connected as close as possible to the IC.
13
CSL
Low-Side Current Sense Input. Connect CSL to SW through a resistor to set the current limit. See the Setting the
Current Limit section.
14
PGND
Power Ground. Connect GND to PGND at a single point as close as possible to the IC.
15
DL
Low-Side Gate Driver Output. Connect DL to the gate of the low-side N-channel MOSFET synchronous rectifier. The
DL voltage swings between PGND and PVCC.
16
PVCC
Internal Gate Driver Power Supply Input. PVCC powers the low-side gate driver, DL. Bypass PVCC to PGND with a
1 μF or greater capacitor connected as close as possible to the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com