Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1821 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1821
Description  Step-Down DC-to-DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1821 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1821 Datasheet HTML 6Page - Analog Devices ADP1821 Datasheet HTML 7Page - Analog Devices ADP1821 Datasheet HTML 8Page - Analog Devices ADP1821 Datasheet HTML 9Page - Analog Devices ADP1821 Datasheet HTML 10Page - Analog Devices ADP1821 Datasheet HTML 11Page - Analog Devices ADP1821 Datasheet HTML 12Page - Analog Devices ADP1821 Datasheet HTML 13Page - Analog Devices ADP1821 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADP1821
Rev. B | Page 10 of 24
When the ADP1821 senses an overcurrent condition, the next
switching cycle is suppressed, the soft start capacitor is discharged
through an internal 2.5 kΩ resistor, and the error amplifier
output voltage is pulled down. The ADP1821 remains in this
mode for as long as the overcurrent condition persists. When
the overcurrent condition is removed, operation resumes in soft
start mode.
See the Setting the Current Limit section for more information.
MOSFET DRIVERS
The DH pin drives the high-side switch MOSFET. This is a
boosted 5 V gate driver that is powered by a bootstrap capaci-
tor circuit. This configuration allows the high-side, N-channel
MOSFET gate to be driven above the input voltage, allowing full
enhancement and a low voltage drop across the MOSFET. The
bootstrap capacitor is connected from the SW pin to the BST
pin. A bootstrap Schottky diode connected from the PVCC pin
to the BST pin recharges the bootstrap capacitor every time the
SW node goes low. Use a bootstrap capacitor value greater than
100× the high-side MOSFET input capacitance.
In practice, the switch node can run up to 24 V of input voltage,
and the boost nodes can operate more than 5 V above this to
allow full gate drive. The power input voltage can be run from
1 V to 24 V.
The switching cycle is initiated by the internal clock signal. The
high-side MOSFET is turned on by the DH driver, and the SW
node goes high, pulling up on the inductor. When the internally
generated ramp signal crosses the COMP pin voltage, the switch
MOSFET is turned off and the low-side synchronous rectifier
MOSFET is turned on by the DL driver. Active break-before-
make circuitry as well as a supplemental fixed dead time are
used to prevent cross-conduction in the switches.
The DL pin provides the gate drive for the low-side MOSFET
synchronous rectifier. Internal circuitry monitors the external
MOSFETs to ensure break-before-make switching to prevent
cross-conduction. An active dead-time reduction circuit
reduces the break-before-make time of the switching to limit
the losses due to current flowing through the synchronous
rectifier body diode.
The PVCC pin provides power to the low-side drivers. It is
limited to 5.5 V maximum input and should have a local
decoupling capacitor to PGND.
The synchronous rectifier is turned on for a minimum time
of about 200 ns on every switching cycle in order to sense the
current. This and the nonoverlap dead time put a limit on the
maximum high-side switch duty cycle based on the selected
switching frequency. Typically, this is about 90% at 300 kHz
switching, and at 1 MHz switching, it reduces to about 70%
maximum duty cycle.
INPUT VOLTAGE RANGE
The ADP1821 takes its internal power from the VCC and PVCC
inputs. PVCC powers the low-side MOSFET gate drive (DL),
and VCC powers the internal control circuitry. Both of these
inputs are limited to between 3.0 V and 5.5 V. Bypass PVCC to
PGND with a 1 μF or greater capacitor. Bypass VCC to GND
with a 0.1 μF or greater capacitor.
The power input to the dc-to-dc converter can range between
1.2× the output voltage and 24 V. Bypass the power input to
PGND with a suitably large capacitor. See the Selecting the
Input Capacitor section.
SETTING THE OUTPUT VOLTAGE
The output voltage is set using a resistive voltage divider from
the output to FB. The voltage divider drops the output voltage
to the 0.6 V FB regulation voltage to set the regulation output
voltage. The output voltage is set to voltages as low as 0.6 V and
as high as 85% of the minimum power input voltage (see the
Feedback Voltage Divider section).
SWITCHING FREQUENCY CONTROL AND
SYNCHRONIZATION
The ADP1821 has a logic-controlled frequency select input (FREQ)
which sets the switching frequency to 300 kHz or 600 kHz. Drive
FREQ low for 300 kHz and high for 600 kHz.
The SYNC input is used to synchronize the converter switching
frequency to an external signal. The converter switching can be
synchronized to an external signal. This allows multiple ADP1821
converters to be operated at the same frequency to prevent
frequency beating or other interactions.
To synchronize the ADP1821 switching to an external signal,
drive the SYNC input with a synchronizing signal. The ADP1821
can only synchronize up to 2× the nominal oscillator frequency.
If the frequency is set to 300 kHz (FREQ connected to GND),
then the synchronization frequency needs to be in between
300 kHz and 600 kHz. Since the 300 kHz setting has a mini-
mum specification (see Table 1) of 250 kHz and a maximum
of 375 kHz over the specified temperature range, the recom-
mended synchronization frequency range is between 375 kHz
and 500 kHz to cover the whole range of part-to-part variation
and over the operating temperature range. If the frequency is set
to 600 kHz (FREQ connected to VCC), then the synchronization
frequency needs to be in between 600 kHz and 1.2 MHz. Since
the 600 kHz setting has a minimum specification (see Table 1)
of 470 kHz and a maximum of 720 kHz over the specified tem-
perature range, the recommended synchronization frequency
range is between 720 kHz and 940 kHz to cover the whole range
of part-to-part variation and over the operating temperature
range. Driving SYNC faster than recommended for the FREQ
setting results in a small ramp signal, which could affect the
signal-to-noise ratio and the modulator gain and stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com