Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1821 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP1821
Description  Step-Down DC-to-DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1821 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP1821 Datasheet HTML 10Page - Analog Devices ADP1821 Datasheet HTML 11Page - Analog Devices ADP1821 Datasheet HTML 12Page - Analog Devices ADP1821 Datasheet HTML 13Page - Analog Devices ADP1821 Datasheet HTML 14Page - Analog Devices ADP1821 Datasheet HTML 15Page - Analog Devices ADP1821 Datasheet HTML 16Page - Analog Devices ADP1821 Datasheet HTML 17Page - Analog Devices ADP1821 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADP1821
Rev. B | Page 14 of 24
SETTING THE CURRENT LIMIT
The current limit comparator measures the voltage across the
low-side MOSFET to determine the load current.
The current limit is set through the current limit resistor, RCL.
CSL, the current sense pin, sources 50 μA through RCL. This
creates an offset voltage of RCL multiplied by the 50 μA CSL
current. When the drop across the low-side MOSFET RDSON is
equal to or greater than this offset voltage, the ADP1821 flags
a current-limit event.
Because the CSL current and the MOSFET RDSON vary over process
and temperature, the minimum current limit should be set to
ensure that the system can handle the maximum desired load
current. To do this, use the peak current in the inductor, which
is the desired current-limit level plus the ripple current, the
maximum RDSON of the MOSFET at its highest expected tem-
perature, and the minimum CSL current.
μA
42
)
(MAX
DSON
LPK
CL
R
I
R
=
(15)
where ILPK is the peak inductor current.
When an over-current event occurs, the over-current compara-
tor does prevent switching cycles until the rectifier current has
decayed below the threshold. The over-current comparator is
blanked for the first 100 ns of the synchronous rectifier cycle to
prevent switch node ringing from falsely tripping the current
limit. The ADP1821 senses the current limit during the off
cycle. When the current limit condition occurs, the ADP1821
resets the internal clock until the over-current condition
disappears. This suppresses the start clock cycles until the
overload condition is removed. At the same time, the SS cap
is discharged through a 2.5 kΩ resistor. The SS input is an
auxiliary positive input of the error amplifier, so it behaves
like another voltage reference. The lowest reference voltage
wins. Discharging the SS voltage causes the converter to use
a lower voltage reference when switching is allowed again.
Therefore, as switching cycles continue around the current
limit, the output looks roughly like a constant current source
due to the rectifier limit, and the output voltage droops as the
load resistance decreases. When the overload condition is
removed, the output recovers with the normal soft start slope
and does not overshoot.
Because the buck converter is usually running at a fairly high
current, PCB layout and component placement may affect
the current-limit setting. An iteration of the RCL values may be
required for a particular board layout and MOSFET selection.
If alternate MOSFETs are substituted at some point in production,
the values of the RCL resistor may also need an iteration.
FEEDBACK VOLTAGE DIVIDER
The output regulation voltage is set through the feedback
voltage divider. The output voltage is reduced through the
voltage divider and drives the FB feedback input. The regula
tion threshold at FB is 0.6 V. The maximum input bias current
into FB is 100 nA. For a 0.15% degradation in regulation voltage
and with 100 nA bias current, the low-side resistor, RBOT, needs
to be less than 9 kΩ, which results in 67 μA of divider current.
For RBOT, use 1 kΩ to 10 kΩ. A larger value resistor can be used,
but results in a reduction in output voltage accuracy due to the
input bias current at the FB pin, while lower values cause increased
quiescent current consumption. Choose RTOP to set the output
voltage by using the following equation:
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
=
FB
FB
OUT
BOT
TOP
V
V
V
R
R
_
(16)
where:
RTOP
is the high-side voltage divider resistance.
RBOT
is the low-side voltage divider resistance.
VOUT
is the regulated output voltage.
VFB
is the feedback regulation threshold, 0.6 V.
COMPENSATING THE VOLTAGE MODE BUCK
REGULATOR
Assuming the LC filter design is complete, the feedback control
system can then be compensated. Good compensation is critical
to proper operation of the regulator. Calculate the quantities in
Equation 17 through Equation 58 to derive the compensation
values. For convenience, a summary of the design equations is
located in the Summary of Equations section. The information
can then be added to an Excel spreadsheet, for automated
calculation.
The goal is to guarantee that the voltage gain of the buck con-
verter crosses unity at a slope that provides adequate phase
margin for stable operation. Additionally, at frequencies
above the crossover frequency, fCO, guaranteeing sufficient
gain margin and attenuation of switching noise are important
secondary goals. For initial practical designs, a good choice for
the crossover frequency is one tenth of the switching frequency;
so first calculate
10
SW
CO
f
f
=
(17)
This gives sufficient frequency range to design a compensation
that attenuates switching artifacts, while also giving sufficient
control loop bandwidth to provide good transient response.
The output LC filter is a resonant network that inflicts two poles
upon the response at a frequency fLC, so next calculate
LC
π
f
LC
2
1
=
(18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com