Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1821 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1821
Description  Step-Down DC-to-DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1821 Datasheet(HTML) 1 Page - Analog Devices

  ADP1821 Datasheet HTML 1Page - Analog Devices ADP1821 Datasheet HTML 2Page - Analog Devices ADP1821 Datasheet HTML 3Page - Analog Devices ADP1821 Datasheet HTML 4Page - Analog Devices ADP1821 Datasheet HTML 5Page - Analog Devices ADP1821 Datasheet HTML 6Page - Analog Devices ADP1821 Datasheet HTML 7Page - Analog Devices ADP1821 Datasheet HTML 8Page - Analog Devices ADP1821 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Step-Down DC-to-DC Controller
ADP1821
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Wide power-input voltage range: 1 V to 24 V
Chip supply voltage range: 3 V to 5.5 V
Wide output voltage range: 0.6 V to 85% of input voltage
1% accuracy, 0.6 V reference voltage
All N-channel MOSFET design for low cost
Fixed-frequency operation 300 kHz, 600 kHz, or
synchronized operation up to 1.2 MHz
No current sense resistor required
Power-good output
Programmable soft start with reverse current protection
Soft start, thermal overload, current-limit protection
Undervoltage lockout
10 μA shutdown supply current
Small, 16-lead QSOP
APPLICATIONS
Telecom and networking systems
Set-top boxes
Printers
Servers
Medical imaging systems
Microprocessor and DSP core power supplies
Mobile communication base stations
GENERAL DESCRIPTION
The ADP1821 is a versatile and inexpensive, synchronous, pulse
width-modulated (PWM), voltage-mode, step-down controller.
It drives an all N-channel power stage to regulate an output voltage
as low as 0.6 V. The ADP1821 can be configured to provide
output voltages from 0.6 V to 85% of the input voltage and is
sized to handle large MOSFETs for point-of-load regulators.
The ADP1821 is well suited for a wide range of high power
applications, such as DSP and processor core power in telecom,
medical imaging, high performance servers, and industrial
applications. It operates from a 3.0 V to 5.5 V supply with a
power input voltage ranging from 1.0 V to 24 V.
The ADP1821 operates at a pin-selectable, fixed switching
frequency of either 300 kHz or 600 kHz, minimizing external
component size and cost. For noise-sensitive applications, it
can be synchronized to an external clock to achieve switching
frequencies between 300 kHz and 1.2 MHz. The ADP1821
includes soft start protection to limit the inrush current from
the input supply during startup, reverse current protection
during soft start for precharged outputs, as well as a unique
adjustable lossless current-limit scheme utilizing external
MOSFET sensing.
The ADP1821 operates over the –40°C to +85°C temperature
range and is available in a 16-lead QSOP.
GND
PVCC
ADP1821
SHDN
VCC
BST
DH
SW
CSL
DL
PGND
FB
FREQ
SYNC
PWGD
COMP
SS
1µF
1µF
10Ω
2kΩ
300Ω
1kΩ
100kΩ
BIAS INPUT
5V
M1
M2
M3
L1 = 1µH
OUTPUT
1.8V, 20A
POWER INPUT
2.5V TO 20V
D1
AGND
100nF
4.7kΩ
6.8nF
1.5nF
0.47µF
+
CIN1
2.2µF
25V
+
CIN2
2.2µF
25V
×2
COUT1
10µF
6.3V
×2
+
COUT2
820µF
2.5V
×2
10nF
fSW = 300kHz
CIN2: SANYO, OSCON 20SP180M
COUT2: SANYO, OSCON 2R5SEPC820M
L1: COILTRONICS, HC7-1R0
CIN1: MURATA, GRM31MR71E225k
M1: IRLR7807Z
M2, M3: IRFR3709Z
D1: VISHAY BAT54
3.3kΩ
Figure 1. Typical Operating Circuit
97
87
0
16
LOAD CURRENT (A)
96
95
94
93
92
91
90
89
88
2
4
6
8
10
12
14
1.8V OUTPUT
3.3V OUTPUT
TA = 25°C
FREQUENCY = 300kHz
Figure 2. Efficiency vs. Load Current, 5 V Input


Similar Part No. - ADP1821

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1821 AD-ADP1821_15 Datasheet
815Kb / 24P
Step-Down DC-to-DC Controller
REV. C
More results

Similar Description - ADP1821

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8501 BELLING-BL8501 Datasheet
340Kb / 10P
Step down DC/DC controller
logo
Silicon Standard Corp.
SS6579 SSC-SS6579 Datasheet
537Kb / 8P
Step-Down DC/DC Controller
logo
Infineon Technologies A...
TLE6389 INFINEON-TLE6389_07 Datasheet
1Mb / 38P
Step-Down DC/DC Controller
Rev. 2.1 2007-08-13
logo
Unisonic Technologies
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
PWM STEP-DOWN DC-DC CONTROLLER
logo
Analog Devices
ADP1853 AD-ADP1853 Datasheet
845Kb / 28P
Synchronous, Step-Down DC-to-DC Controller
REV. 0
logo
Infineon Technologies A...
TLE6389-2GV50 INFINEON-TLE6389-2GV50 Datasheet
1Mb / 38P
Step-Down DC/DC Controller
2007-08-13 Rev 2.1
IFX80471SK-V INFINEON-IFX80471SK-V Datasheet
1Mb / 32P
Step-Down DC/DC Controller
Rev. 1.0, 2011-02-07
logo
Analog Devices
ADP1821 AD-ADP1821_15 Datasheet
815Kb / 24P
Step-Down DC-to-DC Controller
REV. C
logo
Infineon Technologies A...
TLE6389 INFINEON-TLE6389 Datasheet
121Kb / 23P
Step-Down DC/DC Controller
Rev. 1.7 2001-09-17
logo
Richtek Technology Corp...
RT2702 RICHTEK-RT2702 Datasheet
436Kb / 20P
Step-Down DC-DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com