Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1821 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP1821
Description  Step-Down DC-to-DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1821 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP1821 Datasheet HTML 8Page - Analog Devices ADP1821 Datasheet HTML 9Page - Analog Devices ADP1821 Datasheet HTML 10Page - Analog Devices ADP1821 Datasheet HTML 11Page - Analog Devices ADP1821 Datasheet HTML 12Page - Analog Devices ADP1821 Datasheet HTML 13Page - Analog Devices ADP1821 Datasheet HTML 14Page - Analog Devices ADP1821 Datasheet HTML 15Page - Analog Devices ADP1821 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADP1821
Rev. B | Page 12 of 24
APPLICATION INFORMATION
SELECTING THE INPUT CAPACITOR
The input current to a buck converter is a pulsed waveform. It
is zero when the high-side switch is off and approximately equal
to the load current when it is on. The input capacitor carries the
input ripple current, allowing the input power source to supply
only the dc current. The input capacitor needs sufficient ripple
current rating to handle the input ripple and the equivalent series
resistance (ESR) that is low enough to mitigate input voltage
ripple. For the usual current ranges for these converters, good
practice is to use two parallel capacitors placed close to the drains
of the high-side switch MOSFETs, one bulk capacitor of suffi-
ciently high current rating as calculated in Equation 1, along
with 10 μF of ceramic capacitor.
Select an input bulk capacitor based on its ripple current rating.
First, determine the duty cycle of the output with the larger load
current:
IN
OUT
V
V
D =
(1)
Second, determine the input capacitor ripple current, which is
approximately
(
)
D
D
I
I
L
RIPPLE
−
≈
1
(2)
where:
IL is the maximum inductor or load current for the channel.
D is the duty cycle.
Use this method to determine the input capacitor ripple current
rating for duty cycles between 20% and 80%.
For duty cycles less than 20% or greater than 80%, use an input
capacitor with a ripple current rating:
IRIPPLE > 0.4 IL
(3)
OUTPUT LC FILTER
The output LC filter smoothes the switched voltage at SW,
making the output voltage an almost
dc voltage. Choose the
output LC filter to achieve the desired output ripple voltage.
Because the output LC filter is part of the regulator negative-
feedback control loop, the choice of the output LC filter
components affects the regulation control loop stability.
Choose an inductor value such that the inductor ripple current
is approximately 1/3 of the maximum dc output load current.
Using a larger value inductor results in a physical size larger
than required and using a smaller value results in increased
losses in the inductor and/or MOSFET switches.
Use the following equation to choose the inductor value:
⎥
⎦
⎤
⎢
⎣
⎡
−
Δ
×
=
IN
OUT
OUT
L
SW
V
V
V
I
f
L
1
1
(4)
where:
L is the inductor value.
fSW is the switching frequency.
VOUT is the output voltage.
VIN is the input voltage.
ΔI
L
is the inductor ripple current, typically 1/3 of the maximum
dc load current.
Choose the output bulk capacitor to set the desired output voltage
ripple. The impedance of the output capacitor at the switching
frequency multiplied by the ripple current gives the output
voltage ripple. The impedance is made up of the capacitive
impedance plus the nonideal parasitic characteristics, the ESR
and the equivalent series inductance (ESL). The output voltage
ripple can be approximated with
2
2
2
)
4
(
8
1
ESL
f
C
f
ESR
I
V
SW
OUT
SW
L
OUT
+
⎟
⎟
⎠
⎞
⎜
⎜
⎝
⎛
+
Δ
=
Δ
(5)
where:
ΔV
OUT
is the output ripple voltage.
ΔI
L
is the inductor ripple current.
ESR is the equivalent series resistance of the output capacitor
(or the parallel combination of ESR of all output capacitors).
ESL is the equivalent series inductance of the output capacitor
(or the parallel combination of ESL of all capacitors).
Note that the factors of 8 and 4 in Equation 5 would normally
be 2π for sinusoidal waveforms, but the ripple current wave-
form in this application is triangular. Parallel combinations
of different types of capacitors, for example, a large aluminum
electrolytic in parallel with MLCCs, may give different results.
Usually the impedance is dominated by ESR at the switching
frequency so this equation reduces to
ESR
I
V
L
OUT
Δ
≅
Δ
(6)
Electrolytic capacitors have significant ESL also, on the order
of 5 nH to 20 nH, depending on type, size, and geometry; and
PCB traces contribute some ESR and ESL as well. However,
using the maximum ESR rating from a capacitor data sheet
usually provides some margin such that measuring the ESL is
not usually required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com