Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1821 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP1821
Description  Step-Down DC-to-DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1821 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP1821 Datasheet HTML 15Page - Analog Devices ADP1821 Datasheet HTML 16Page - Analog Devices ADP1821 Datasheet HTML 17Page - Analog Devices ADP1821 Datasheet HTML 18Page - Analog Devices ADP1821 Datasheet HTML 19Page - Analog Devices ADP1821 Datasheet HTML 20Page - Analog Devices ADP1821 Datasheet HTML 21Page - Analog Devices ADP1821 Datasheet HTML 22Page - Analog Devices ADP1821 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
ADP1821
Rev. B | Page 19 of 24
PCB LAYOUT GUIDELINE
In any switching converter, there are some circuit paths that
carry high dI/dt, which can create spikes and noise. Other
circuit paths are sensitive to noise and still others carry high
dc current and can produce significant IR voltage drops. The
key to proper PCB layout of a switching converter is to identify
these critical paths and arrange the components and copper
area accordingly. When designing PCB layouts, be sure to keep
high current loops small. In addition, keep compensation and
feedback components away from the switch nodes and their
associated components.
The following is a list of recommended layout practices for
ADP1821, arranged in approximately decreasing order of
importance. A PCB layout example of the circuit shown in
Figure 22 is shown in Figure 19 and Figure 20.
• The current waveform in the top and bottom FETs is a pulse
with very high dI/dt, so the path to, through, and from each
individual FET should be as short as possible and the two
paths should be as similar as possible. In designs that use
a pair of D-Paks or SO-8 FETs on one side of the PCB, it is
best to counter-rotate the two so that the switch node is on
one side of the pair and the high side drain can be bypassed
to the low side source with a suitable ceramic bypass capacitor,
placed as close as possible to the FETs in order to minimize
inductance around this loop through the FETs and capacitor.
The recommended bypass ceramic capacitor values range
from 1 μF to 22 μF depending upon the output current. This
bypass capacitor is usually connected to a larger value bulk
filter capacitor and should be grounded to the PGND plane.
• GND, VCC bypass, PVCC bypass, soft start capacitor, and
the bottom end of the output feedback divider resistors should
be tied to an almost isolated, small AGND plane. All of
these connections to the AGND plane should be kept as
short as possible. No high current or high dI/dt signals
should be connected to this AGND plane. The AGND
area should be connected through one wide trace to the
negative terminal of the output filter capacitors.
• The PGND pin handles high dI/dt gate drive current
returning from the source of the low side MOSFET. The
voltage at this pin also establishes the 0 V reference for the
over-current limit protection (OCP) function and the CSL
pin. A small PGND plane should connect the PGND pin
and the PVCC bypass capacitor through a wide and direct
path to the source of the low side MOSFET. The placement
of CIN is critical for controlling ground bounce. The negative
terminal of CIN needs to be placed very close to the source of
the low-side MOSFET.
• Avoid long traces or large copper areas at the FB and CSL
pins, which are low, signal-level inputs that are sensitive to
capacitive and inductive noise pickup. It is best to position
any series resistors and capacitors as closely as possible to
these pins. Avoid running these traces close and parallel to
high dI/dt traces.
• The switch node is the noisiest place in the switcher circuit
with large ac and dc voltage and current. This node should
be wide to keep resistive voltage drop down. But to mini-
mize the generation of capacitively coupled noise, the total
area should be small. Place the FETs and inductor close
together on a small copper plane in order to minimize series
resistance and keep the copper area small.
• Gate drive traces (DH and DL) handle high dI/dt and
tend to produce noise and ringing. They should be as
short and direct as possible. If possible, avoid using feed-
through vias in the gate drive traces. If vias are needed, it
is best to use two relatively large ones in parallel to reduce
the peak current density and the current in each via. If the
overall PCB layout is less than optimal, slowing down the
gate drive slightly can be very helpful to reduce noise and
ringing. It is occasionally helpful to place small value resistors
(such as 5 Ω or 10 Ω) in series with the gate leads, mainly
DH traces to the high side FET gates. These can be popu-
lated with 0 Ω resistors if resistance is not needed. Note that
the added gate resistance increases the switching rise and
fall times, and that also increases the switching power loss
in the MOSFET.
• The negative terminal of output filter capacitors should be
tied closely to the source of the low side FET. Doing this
helps to minimize voltage difference between GND and
PGND at the ADP1821.
• Generally be sure that all traces should be sized according
to the current being handled as well as their sensitivity in
the circuit. Standard PCB layout guidelines mainly address
heating effects of current in a copper conductor. While
these are completely valid, they do not fully cover other
concerns such as stray inductance or dc voltage drop. Any
dc voltage differential in connections between ADP1821
GND and the converter power output ground can cause a
significant output voltage error, as it affects converter output
voltage according to the ratio with the 600 mV feedback
reference. For example, a 6 mV offset between ground on
the ADP1821 and the converter power output causes a 1%
error in the converter output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com