Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1821 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP1821
Description  Step-Down DC-to-DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1821 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP1821 Datasheet HTML 16Page - Analog Devices ADP1821 Datasheet HTML 17Page - Analog Devices ADP1821 Datasheet HTML 18Page - Analog Devices ADP1821 Datasheet HTML 19Page - Analog Devices ADP1821 Datasheet HTML 20Page - Analog Devices ADP1821 Datasheet HTML 21Page - Analog Devices ADP1821 Datasheet HTML 22Page - Analog Devices ADP1821 Datasheet HTML 23Page - Analog Devices ADP1821 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
ADP1821
Rev. B | Page 22 of 24
The ADP1821 can also be configured to run with an input voltage
higher than 5.5 V. Figure 22 shows a typical application circuit
that operates from a 12 V input. An external LDO is built, with
a NPN, a 5.6 V Zener diode and a resistor, to step down the
input voltage from 12 V to 5 V to power the ADP1821. These
external signal components are cheap and small in size. Alter-
natively, LDOs such as the ADP3300 or the ADP3330 in a small
SOT-23 package can be used for input voltages up to 12 V.
GND
PVCC
ADP1821
SHDN
VCC
BST
DH
SW
CSL
DL
PGND
FB
FREQ
SYNC
PWGD
COMP
SS
C5
1µF
C6
1µF
R7
10Ω
R1
20kΩ
R3
2.7kΩ
R2
10kΩ
R6
100kΩ
M1
M2
L1 = 2.2µH
OUTPUT
1.8V, 10A
INPUT
12V
D1
AGND
CSS
100nF
R8
82kΩ
C3
1nF
C2
18pF
C4
0.22µF
CIN1
10µF
16V
+
CIN2
180µF
20V
COUT1
10µF
6.3V
×2
+
COUT2
680µF
4V
×2
C1
1.8nF
fSW = 300kHz
CIN2: SANYO, OSCON 20SP180M
COUT2: SANYO, OSCON 4SEPC680M
D2: CENTRAL SEMI, CMOZ5V6, 5.6V ZENER
L1: COILTRONICS, HC7-2R2
Q1: CENTRAL SEMI, CMST2222A, NPN
D1: CENTRAL SEMI, CMDSH2-4L
M1, M2: IRFR3709Z
R4 3.3kΩ
VE
D2
Q1
R5
1.2kΩ
Figure 22. Typical Application Circuit, 12 V Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com