Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1821 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP1821
Description  Step-Down DC-to-DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1821 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP1821 Datasheet HTML 5Page - Analog Devices ADP1821 Datasheet HTML 6Page - Analog Devices ADP1821 Datasheet HTML 7Page - Analog Devices ADP1821 Datasheet HTML 8Page - Analog Devices ADP1821 Datasheet HTML 9Page - Analog Devices ADP1821 Datasheet HTML 10Page - Analog Devices ADP1821 Datasheet HTML 11Page - Analog Devices ADP1821 Datasheet HTML 12Page - Analog Devices ADP1821 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
ADP1821
Rev. B | Page 9 of 24
THEORY OF OPERATION
The ADP1821 is a versatile, economical, synchronous-rectified,
fixed-frequency, PWM, voltage mode step-down controller
capable of generating an output voltage as low as 0.6 V. It is ideal
for a wide range of high power applications, such as DSP power
and processor core power in telecom, medical imaging, and
industrial applications. The ADP1821 controller operates from
a 3.0 V to 5.5 V supply with a power input voltage ranging from
1.0 V to 24 V.
The ADP1821 operates at a fixed, internally set 300 kHz or
600 kHz switching frequency that is controlled by the state of
the FREQ input. The high frequency reduces external compo-
nent size and cost while maintaining high efficiency. For noise
sensitive applications where the switching frequency needs to be
more tightly controlled, synchronize the ADP1821 to an external
signal whose frequency is between 300 kHz and 1.2 MHz.
The ADP1821 includes adjustable soft start with output reverse-
current protection, and a unique adjustable, lossless current
limit. It operates over the −40°C to +85°C temperature range
and is available in a space-saving, 16-lead QSOP.
SOFT START
When powering up or resuming operation after shutdown, over-
load, or short-circuit conditions, the ADP1821 employs an
adjustable soft start feature that reduces input current transients
and prevents output voltage overshoot at start-up and overload
conditions. The soft start period is set by the value of the soft
start capacitor, CSS, between SS and GND.
When starting the ADP1821, CSS is initially discharged. It is
enabled when SHDN is high and VCC is above the under-
voltage lockout threshold. CSS begins charging to 0.8 V through
an internal 100 kΩ resistor. As CSS charges, the regulation voltage
at FB is limited to the lesser of either the voltage at SS or the
internal 0.6 V reference voltage. As the voltage at SS rises, the
output voltage rises proportionally until the voltage at SS exceeds
0.6 V. At this time, the output voltage is regulated to the desired
voltage.
If the output voltage is precharged prior to turn-on, the ADP1821
limits reverse inductor current, which would discharge the output
voltage. Once the voltage at SS exceeds the 0.6 V regulation voltage,
the reverse current is re-enabled to allow the output voltage
regulation to be independent of load current.
ERROR AMPLIFIER
The ADP1821 error amplifier is an operational amplifier.
The ADP1821 senses the output voltages through an external
resistor divider at the FB pin. The FB pin is the inverting input
to the error amplifier. The error amplifier compares this feed-
back voltage to the internal 0.6 V reference, and the output of
the error amplifier appears at the COMP pin. The COMP pin
voltage then directly controls the duty cycle of the switching
converter.
A series/parallel RC network is tied between the FB pin and the
COMP pin to provide the compensation for the buck converter
control loop. A detailed design procedure for compensating the
system is provided in the Compensating the Voltage Mode Buck
Regulator section.
The error amplifier output is clamped between a lower limit
of about 0.7 V and a higher limit of about 2.4 V. When the
COMP pin is low, the switching duty cycle goes to 0%, and
when the COMP pin is high, the switching duty cycle goes to
the maximum.
The SS pin is an auxiliary positive input to the error amplifier.
Whichever voltage is lowest, SS or the internal 0.6 V reference,
controls the FB pin voltage and thus the output. As a conse-
quence, if two of these inputs are close to each other, a small
offset is imposed on the error amplifier.
CURRENT-LIMIT SCHEME
The ADP1821 employs a unique, programmable, cycle-by-cycle,
lossless current limit circuit that uses an ordinary, inexpensive
resistor to set the threshold. Every switching cycle, the synchro-
nous rectifier turns on for a minimum time and the voltage
drop across the MOSFET RDSON is measured to determine if the
current is too high.
This measurement is done by an internal current limit com-
parator and an external current limit set resistor. The resistor
is connected between the switch node (that is the drain of the
rectifier MOSFET) and the CSL pin. The CSL pin, which is the
inverting input of the comparator, forces 50 μA through the
resistor to create an offset voltage drop across it.
When the inductor current is flowing in the MOSFET rectifier,
its drain is forced below PGND by the voltage drop across its
RDSON. If the RDSON voltage drop exceeds the preset drop on the
current-limit-set resistor, the inverting comparator input is
similarly forced below PGND and an overcurrent fault is
flagged.
The normal transient ringing on the switch node is ignored
for 100 ns after the synchronous rectifier turns on, so the over
current condition must also persist for 100 ns in order for a
fault to be flagged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com