Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1821 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP1821
Description  Step-Down DC-to-DC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1821 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP1821 Datasheet HTML 13Page - Analog Devices ADP1821 Datasheet HTML 14Page - Analog Devices ADP1821 Datasheet HTML 15Page - Analog Devices ADP1821 Datasheet HTML 16Page - Analog Devices ADP1821 Datasheet HTML 17Page - Analog Devices ADP1821 Datasheet HTML 18Page - Analog Devices ADP1821 Datasheet HTML 19Page - Analog Devices ADP1821 Datasheet HTML 20Page - Analog Devices ADP1821 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADP1821
Rev. B | Page 17 of 24
From K, the frequency of the added zeros, fZ, is below crossover
for Type II by
K
f
f
CO
Z =
(33)
Similarly, the frequency of the added poles, fP, should be
previous crossover by for Type II
fP = fCOK
(34)
Select RTOP between 1 k and 10 k. A good starting value is 2 k.
Next, calculate RBOT as
FB
OUT
TOP
FB
BOT
V
V
R
V
R
−
=
(35)
V
6
.
0
V
6
.
0
−
×
=
OUT
TOP
BOT
V
R
R
(36)
Calculate the compensator gain needed at crossover to achieve
0 dB total system gain:
AT = AMOD + AFILTER + ACOMP
(37)
0 dB = AMOD + AFILTER + ACOMP
(38)
ACOMP
= 0 dB − AMOD − AFILTER
(39)
Calculate the value of RZ to achieve that gain
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
×
=
TOP
Z
COMP
R
R
A
log
20
(40)
⎟
⎠
⎞
⎜
⎝
⎛
×
=
20
10
COMP
A
TOP
Z
R
R
(41)
Calculate the integrator cap value to place the compensation
zero at the desired frequency using the following equation:
Z
Z
I
f
R
π
C
2
1
=
(42)
Calculate the capacitor value for the high frequency pole by
P
Z
HF
f
R
π
C
2
1
=
(43)
Type III Compensator
0V
VRAMP
G
(dB)
PHASE
–270°
–90°
fZ
fP
CHF
CI
RZ
CFF
RTOP
RBOT
FROM
VOUT
VREF
EA
COMP
TO PWM
RFF
–1
SLO
PE
–1
SLO
PE
+1
SL
OP
E
Figure 18. Type III Compensation
2
45
2
tan
⎟
⎠
⎞
⎜
⎝
⎛
⎟
⎠
⎞
⎜
⎝
⎛
+
=
B
φ
K
(44)
K
f
f
CO
Z =
(45)
fP = fCO √K
(46)
Select RTOP between 1 k and 10 k. A good starting value is 2 k.
Next, calculate RBOT as
FB
OUT
TOP
FB
BOT
V
V
R
V
R
−
=
(47)
V
6
.
0
V
6
.
0
−
×
=
OUT
TOP
BOT
V
R
R
(48)
Calculate the feedforward capacitor to produce the first
compensator zero
Z
TOP
FF
f
R
π
C
2
1
=
(49)
Calculate the resistor of the feedforward network to provide the
first high frequency compensator pole
P
FF
FF
f
C
π
R
2
1
=
(50)
Calculate the impedance of the feedforward network at the
crossover frequency, as this is required to set the gain of the
compensator.
FF
CO
FF
FF
R
f
C
π
Z
+
=
2
1
(51)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com