Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 213 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 213 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 209Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 210Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 211Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 212Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 213Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 214Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 215Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 216Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 217Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 441 page
background image
5- 76
MC68340 USER’S MANUAL
MOTOROLA
Table 5-23. BDM Command Summary
Command
Mnemonic
Description
Read A/D Register
RAREG/RDREG
Read the selected address or data register and return the results
via the serial interface.
Write A/D Register
WAREG/WDREG
The data operand is written to the specified address or data
register.
Read System Register
RSREG
The specified system control register is read. All registers that can
be read in supervisor mode can be read in BDM.
Write System Register
WSREG
The operand data is written into the specified system control
register.
Read Memory Location
READ
Read the sized data at the memory location specified by the long-
word address. The SFC register determines the address space
accessed.
Write Memory Location
WRITE
Write the operand data to the memory location specified by the
long-word address. The DFC register determines the address
space accessed.
Dump Memory Block
DUMP
Used in conjunction with the READ command to dump large blocks
of memory. An initial READ is executed to set up the starting
address of the block and to retrieve the first result. Subsequent
operands are retrieved with the DUMP command.
Fill Memory Block
FILL
Used in conjunction with the WRITE command to fill large blocks of
memory. An initial WRITE is executed to set up the starting
address of the block and to supply the first operand. Subsequent
operands are written with the FILL command.
Resume Execution
GO
The pipeline is flushed and refilled before resuming instruction
execution at the return PC.
Call User Code
CALL
Current PC is stacked at the location of the current SP. Instruction
execution begins at user patch code.
Reset Peripherals
RST
Asserts RESET for 512 clock cycles. The CPU is not reset by this
command. Synonymous with the CPU RESET instruction.
No Operation
NOP
NOP performs no operation and may be used as a null command.
5.6.2.8.4 Read A/D Register (RAREG/RDREG). Read the selected address or data
register and return the results via the serial interface.
Command Format:
15
14
13
12
11
10
9876543210
001000011000
A/D
REGISTER
Command Sequence:
RDREG/RAREG
???
XXX
MS RESULT
XXX
"ILLEGAL"
NEXT CMD
LS RESULT
NEXT CMD
"NOT READY"
Operand Data:
None
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com