Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 441 page
background image
11/2/95
SECTION 1: OVERVIEW
UM Rev 1
MOTOROLA
MC68340 USER'S MANUAL
xxiii
LIST OF TABLES (Continued)
Table
Page
Number
Title
Number
5-15
8-Bit Independent Variable Entries .....................................................................5-33
5-16
Exception Vector Assignments.............................................................................5-40
5-17
Exception Priority Groups......................................................................................5-43
5-18
Tracing Control........................................................................................................5-50
5-19
BDM Source Summary..........................................................................................5-67
5-20
Polling the BDM Entry Source..............................................................................5-68
5-21
CPU Generated Message Encoding...................................................................5-70
5-22
Size Field Encoding...............................................................................................5-74
5-23
BDM Command Summary....................................................................................5-77
5-24
Register Field for RSREG and WSREG..............................................................5-79
6-1
FRZx Control Bits ....................................................................................................6-24
6-2
SSIZEx Encoding ...................................................................................................6-28
6-3
DSIZEx Encoding ...................................................................................................6-29
6-4
REQx Encoding.......................................................................................................6-29
6-5
BBx Encoding and Bus Bandwidth......................................................................6-29
6-6
Address Space Encoding .....................................................................................6-32
7-1
FRZx Control Bits ....................................................................................................7-20
7-2
PMx and PT Control Bits........................................................................................7-23
7-3
B/Cx Control Bits.....................................................................................................7-24
7-4
RCSx Control Bits...................................................................................................7-26
7-5
TCSx Control Bits ...................................................................................................7-27
7-6
MISCx Control Bits .................................................................................................7-28
7-7
TCx Control Bits ......................................................................................................7-29
7-8
RCx Control Bits......................................................................................................7-30
7-9
CMx Control Bits .....................................................................................................7-38
7-10
SBx Control Bits......................................................................................................7-39
8-1
OCx Encoding .........................................................................................................8-17
8-2
FRZx Control Bits ....................................................................................................8-19
8-3
IEx Encoding............................................................................................................8-21
8-4
POTx Encoding .......................................................................................................8-22
8-5
MODEx Encoding ...................................................................................................8-22
8-6
OCx Encoding .........................................................................................................8-22
9-1
Boundary Scan Control Bits .................................................................................9-4
9-2
Boundary Scan Bit Definitions .............................................................................9-5
9-3
Instructions...............................................................................................................9-10
10-1
Memory Access Times at 16.78 MHz................................................................10-7
10-2
Typical Electrical Characteristics.......................................................................10-13
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com