Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 69Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 70Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 71Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 72Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 73Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 441 page
background image
3- 24
MC68340 USER’S MANUAL
MOTOROLA
ACKNOWLEDGE BREAKPOINT
IF BREAKPOINT INSTRUCTION EXECUTED:
1. SET R/W TO READ
2. SET FUNCTION CODE TO CPU SPACE
3. PLACE CPU SPACE TYPE 0 ON A19–A16
4. PLACE BREAKPOINT NUMBER ON A2–A4
5. CLEAR T-BIT (A1)
6. SET SIZE TO WORD
7. ASSERT AS AND DS
IF BKPT PIN ASSERTED:
1. SET R/W TO READ
2. SET FUNCTION CODE TO CPU SPACE
3. PLACE CPU SPACE TYPE 0 ON A19–A16
4. PLACE ALL ONE'S ON A4–A2
5. SET T-BIT (A-1) TO ONE
6. SET SIZE TO WORD
7. ASSERT AS AND DS
(A)
(B)
IF BREAKPOINT INSTRUCTION EXECUTED:
1. PLACE REPLACEMENT OPCODE ON DATA BUS
2. ASSERT DSACKx
-OR-
1. ASSERT BERR TO INITIATE EXCEPTION PROCESSING
IF BKPT PIN ASSERTED:
1. ASSERT DSACKx
-OR-
1. ASSERT BERR TO INITIATE EXCEPTION PROCESSING
1. NEGATE DSACKx or BERR
BREAKPOINT OPERATION FLOW
PROCESSOR
EXTERNAL DEVICE
IF BREAKPOINT INSTRUCTION EXECUTED AND
DSACKx IS ASSERTED:
1. LATCH DATA
2. NEGATE AS AND DS
3. GO TO (A)
IF BKPT PIN ASSERTED AND DSACKx IS ASSERTED:
1. NEGATE AS AND DS
2. GO TO (A)
IF BERR ASSERTED:
1. NEGATE AS AND DS
2. GO TO (B)
IF BREAKPOINT INSTRUCTION EXECUTED:
1. PLACE LATCHED DATA IN INSTRUCTION PIPELINE
2. CONTINUE PROCESSING
IF BKPT PIN ASSERTED:
1. CONTINUE PROCESSING
IF BREAKPOINT INSTRUCTION EXECUTED:
1. INITIATE ILLEGAL INSTRUCTION PROCESSING
IF BKPT PIN ASSERTED:
1. INITIATE HARDWARE BREAKPOINT PROCESSING
Figure 3-11. Breakpoint Operation Flowchart
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com