Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 79Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 82Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 83Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 84Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 85Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
3- 33
EXAMPLE B: A system uses error detection and correction on RAM contents. The
designer may:
1. Delay
DSACK
≈ until data is verified and assert BERR and HALT simultaneously to
indicate to the MC68340 to automatically retry the error cycle (case 5), or if data is
valid, assert
DSACK
≈ (case 1).
2. Delay
DSACK
≈ until data is verified and assert BERR with or without DSACK≈ if
data is in error (case 3). This initiates exception processing for software handling of
the condition.
3. Return
DSACK
≈ prior to data verification; if data is invalid, BERR is asserted on the
next clock cycle (case 4). This initiates exception processing for software handling of
the condition.
4. Return
DSACK
≈ prior to data verification; if data is invalid, assert BERR and HALT
on the next clock cycle (case 6). The memory controller can then correct the RAM
prior to or during the automatic retry.
Table 3-4.
DSACK
≈, BERR, and HALT Assertion Results
Asserted on Rising
Edge of State
Case
Num
Control
Signal
N
N + 2
Result
1
DSACK
≈
BERR
HALT
A
NA
NA
S
NA
X
Normal cycle terminate and continue.
2
DSACK
≈
BERR
HALT
A
NA
A/S
S
NA
S
Normal cycle terminate and halt; continue
when
HALT negated.
3
DSACK
≈
BERR
HALT
NA/A
A
NA
X
S
X
Terminate and take bus error exception,
possibly deferred.
4
DSACK
≈
BERR
HALT
A
NA
NA
X
A
NA
Terminate and take bus error exception,
possibly deferred.
5
DSACK
≈
BERR
HALT
NA/A
A
A/S
X
S
S
Terminate and retry when
HALT negated.
6
DSACK
≈
BERR
HALT
A
NA
NA
X
A
A
Terminate and retry when
HALT negated.
NOTES:
N — Number of the current even bus state (e.g., S2, S4, etc.)
A — Signal is asserted in this bus state
NA — Signal is not asserted in this state
X — Don't care
S — Signal was asserted in previous state and remains asserted in this state
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com