Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 441 page
background image
11/2/95
SECTION 1: OVERVIEW
UM Rev.1.0
vi
MC68340 USER'S MANUAL
MOTOROLA
TABLE OF CONTENTS (Continued)
Paragraph
Page
Number
Title
Number
3.4
CPU Space Cycles...........................................................................................3-21
3.4.1
Breakpoint Acknowledge Cycle.................................................................3-22
3.4.2
LPSTOP Broadcast Cycle...........................................................................3-23
3.4.3
Module Base Address Register Access....................................................3-27
3.4.4
Interrupt Acknowledge Bus Cycles............................................................3-27
3.4.4.1
Interrupt Acknowledge Cycle—Terminated Normally........................3-27
3.4.4.2
Autovector Interrupt Acknowledge Cycle .............................................3-29
3.4.4.3
Spurious Interrupt Cycle..........................................................................3-30
3.5
Bus Exception Control Cycles........................................................................3-32
3.5.1
Bus Errors.......................................................................................................3-34
3.5.2
Retry Operation .............................................................................................3-36
3.5.3
Halt Operation ...............................................................................................3-38
3.5.4
Double Bus Fault ..........................................................................................3-39
3.6
Bus Arbitration...................................................................................................3-40
3.6.1
Bus Request...................................................................................................3-43
3.6.2
Bus Grant........................................................................................................3-43
3.6.3
Bus Grant Acknowledge..............................................................................3-43
3.6.4
Bus Arbitration Control.................................................................................3-44
3.6.5
Show Cycles..................................................................................................3-44
3.7
Reset Operation ................................................................................................3-46
Section 4
System Integration Module
4.1
Module Overview..............................................................................................4-1
4.2
Module Operation.............................................................................................4-2
4.2.1
Module Base Address Register Operation...............................................4-2
4.2.2
System Configuration and Protection Operation....................................4-3
4.2.2.1
System Configuration ..............................................................................4-5
4.2.2.2
Internal Bus Monitor .................................................................................4-6
4.2.2.3
Double Bus Fault Monitor........................................................................4-6
4.2.2.4
Spurious Interrupt Monitor ......................................................................4-6
4.2.2.5
Software Watchdog ..................................................................................4-6
4.2.2.6
Periodic Interrupt Timer ...........................................................................4-7
4.2.2.6.1
Periodic Timer Period Calculation.....................................................4-8
4.2.2.6.2
Using the Periodic Timer as a Real-Time Clock .............................4-9
4.2.2.7
Simultaneous Interrupts by Sources in the SIM40.............................4-9
4.2.3
Clock Synthesizer Operation......................................................................4-9
4.2.3.1
Phase Comparator and Filter .................................................................4-11
4.2.3.2
Frequency Divider ....................................................................................4-12
4.2.3.3
Clock Control.............................................................................................4-13
4.2.4
Chip Select Operation .................................................................................4-13
4.2.4.1
Programmable Features..........................................................................4-14
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com