Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 91Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 92Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 93Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 94Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 95Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 96Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 97Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 98Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 441 page
background image
3- 46
MC68340 USER’S MANUAL
MOTOROLA
State 0—During state 0, the A31–A0 and FCx become valid, R/
W is driven to indicate a
show read or write cycle, and the SIZx pins indicate the number of bytes to transfer.
During a read, the addressed peripheral is driving the data bus, and the user must take
care to avoid bus conflicts.
State 41—One-half clock cycle later,
DS (rather than AS) is asserted to indicate that
address information is valid.
State 42—No action occurs in state 42. The bus controller remains in state 42 (wait states
will be inserted) until the internal read cycle is complete.
State 43—When
DS is negated, show data is valid on the next falling edge of the system
clock. The external data bus drivers are enabled so that data becomes valid on the
external bus as soon as it is available on the internal bus.
State 0—The A31–A0, FCx, R/
W, and SIZx pins change to begin the next cycle. Data
from the preceding cycle is valid through state 0.
A31–A0,
FC2–FC0,
SIZ1–SIZ0
CLKOUT
S0
S42
S1
S41
S43
S2
S0
R/W
AS, CS
DS
D15–D0
BKPT
SHOW CYCLE
START OF EXTERNAL CYCLE
Figure 3-26. Show Cycle Timing Diagram
3.7 RESET OPERATION
The MC68340 has reset control logic to determine the cause of reset, synchronize it if
necessary, and assert the appropriate reset lines. The reset control logic can
independently drive three different lines:
1. EXTRST (external reset) drives the external
RESET pin.
2. CLKRST (clock reset) resets the clock module.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com