Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 441 page
background image
11/2/95
SECTION 1: OVERVIEW
UM Rev 1
MOTOROLA
MC68340 USER'S MANUAL
vii
TABLE OF CONTENTS (Continued)
Paragraph
Page
Number
Title
Number
4.2.4.2
Global Chip Select Operation ................................................................4-14
4.2.5
External Bus Interface Operation...............................................................4-15
4.2.5.1
Port A...........................................................................................................4-15
4.2.5.2
Port B...........................................................................................................4-16
4.2.6
Low-Power Stop ...........................................................................................4-17
4.2.7
Freeze.............................................................................................................4-17
4.3
Programming Model.........................................................................................4-18
4.3.1
Module Base Address Register (MBAR)...................................................4-20
4.3.2
System Configuration and Protection Registers.....................................4-21
4.3.2.1
Module Configuration Register (MCR)..................................................4-21
4.3.2.2
Autovector Register (AVR).......................................................................4-23
4.3.2.3
Reset Status Register (RSR)...................................................................4-23
4.3.2.4
Software Interrupt Vector Register (SWIV)...........................................4-24
4.3.2.5
System Protection Control Register (SYPCR).....................................4-24
4.3.2.6
Periodic Interrupt Control Register (PICR) ...........................................4-26
4.3.2.7
Periodic Interrupt Timer Register (PITR)...............................................4-27
4.3.2.8
Software Service Register (SWSR) ......................................................4-28
4.3.3
Clock Synthesizer Control Register (SYNCR) ........................................4-28
4.3.4
Chip Select Registers ..................................................................................4-29
4.3.4.1
Base Address Registers ..........................................................................4-30
4.3.4.2
Address Mask Registers ..........................................................................4-31
4.3.4.3
Chip Select Registers Programming Example....................................4-33
4.3.5
External Bus Interface Control....................................................................4-33
4.3.5.1
Port A Pin Assignment Register 1 (PPARA1).......................................4-33
4.3.5.2
Port A Pin Assignment Register 2 (PPARA2).......................................4-34
4.3.5.3
Port A Data Direction Register (DDRA).................................................4-34
4.3.5.4
Port A Data Register (PORTA)................................................................4-34
4.3.5.5
Port B Pin Assignment Register (PPARB) ............................................4-35
4.3.5.6
Port B Data Direction Register (DDRB).................................................4-35
4.3.5.7
Port B Data Register (PORTB, PORTB1) ..............................................4-35
4.4
MC68340 Initialization Sequence.................................................................4-36
4.4.1
Startup ............................................................................................................4-36
4.4.2
SIM40 Module Configuration .....................................................................4-36
4.4.3
SIM40 Example Configuration Code........................................................4-38
Section 5
CPU32
5.1
Overview.............................................................................................................5-1
5.1.1
Features..........................................................................................................5-2
5.1.2
Virtual Memory ..............................................................................................5-2
5.1.3
Loop Mode Instruction Execution ..............................................................5-3
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com