Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 41Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 42Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 43Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 44Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 48Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
2- 11
2.13 SERIAL MODULE SIGNALS
The following signals are used by the serial module for data and clock signals. See
Section 7 Serial Module for more information on these signals.
2.13.1 Serial Crystal Oscillator (X2, X1)
These pins furnish the connection to a crystal or external clock, which must be supplied
when using the baud rate generator. An external clock is connected to the X1 pin; X2 is
left floating.
2.13.2 Serial External Clock Input (SCLK)
This input can be used as the external clock input for channel A or channel B, bypassing
the baud rate generator.
2.13.3 Receive Data (RxDA, RxDB)
These signals are the receiver serial data input for each channel. Data received on this
signal is sampled on the rising edge of the clock source, with the least significant bit
received first.
2.13.4 Transmit Data (TxDA, TxDB)
These signals are the transmitter serial data output for each channel. The output is held
high ('mark' condition) when the transmitter is disabled, idle, or operating in the local
loopback mode. Data is shifted out on this signal at the falling edge of the clock source,
with the least significant bit transmitted first.
2.13.5 Clear to Send
(CTSA, CTSB)
These active-low signals can be programmed as the clear-to-send inputs for each
channel.
2.13.6 Request to Send
(RTSA, RTSB)
These active-low signals can be programmed as request-to-send outputs or used as
discrete outputs.
RTSB, RTSA
When used for this function, these signals function as the request-to-send outputs.
OP1, OP0
When used for this function, these outputs are controlled by the value of bit 1 and bit 0,
respectively, in the output port data registers.
2.13.7 Transmitter Ready
(T
≈RDYA)
This active-low output can be programmed as the channel A transmitter ready status
indicator or used as a discrete output.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com