Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 43Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 44Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 48Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 49Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 50Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
2- 13
2.15 TEST SIGNALS
The following signals are used with the on-board test logic defined by the IEEE 1149.1
standard. See Section 9 IEEE 1149.1 Test Access Port for more information on the use
of these signals.
2.15.1 Test Clock (TCK)
This input provides a clock for on-board test logic defined by the IEEE 1149.1 standard.
2.15.2 Test Mode Select (TMS)
This input controls test mode operations for on-board test logic defined by the IEEE
1149.1 standard.
2.15.3 Test Data In (TDI)
This input is used for serial test instructions and test data for on-board test logic defined
by the IEEE 1149.1 standard.
2.15.4 Test Data Out (TDO)
This output is used for serial test instructions and test data for on-board test logic defined
by the IEEE 1149.1 standard.
2.16 SYNTHESIZER POWER (VCCSYN)
This pin supplies a quiet power source to the VCO to provide greater frequency stability. It
is also used to control the synthesizer mode after reset. See Section 4 System
Integration Module for more information.
2.17 SYSTEM POWER AND GROUND (VCC AND GND)
These pins provide system power and ground to the MC68340. Multiple pins are provided
for adequate current capability. All power supply pins must have adequate bypass
capacitance for high-frequency noise suppression.
2.18 SIGNAL SUMMARY
Table 2-5 presents a summary of all the signals discussed in the preceding paragraphs.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com