Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 74Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 75Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 76Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 77Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 78Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 79Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 80Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 81Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
3- 29
CLKOUT
A31–A4
FC3–FC0
S0
S2
S4
S2
S4
S0
SIZ0
DSACKx
D7–D0
R/W
AS
DS
A3–A1
A0
SIZ1
D15–D8
S0
S1
S2
IRQ7–IRQ1
1 BYTE
INTERRUPT LEVEL
READ
CYCLE
INTERNAL
ARBITRATION
IACK CYCLE
IACK7–IACK1
WRITE
STACK
VECTOR FROM 16-BIT PORT
VECTOR FROM 8-BIT PORT
CPU SPACE
0–2 CLOCKS*
*Internal Arbitration may take between 0–2 clock cycles.
Figure 3-15. Interrupt Acknowledge Cycle Timing
3.4.4.2 AUTOVECTOR INTERRUPT ACKNOWLEDGE CYCLE. When the interrupting
device cannot supply a vector number, it requests an automatically generated vector
(autovector). Instead of placing a vector number on the data bus and asserting
DSACK
≈,
the device asserts
AVEC to terminate the cycle. If the DSACK
≈ signals are asserted
during an interrupt acknowledge cycle terminated by
AVEC, the DSACK
≈ signals and
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com