Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 44Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 48Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 49Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 50Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 51Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 441 page
background image
2- 14
MC68340 USER’S MANUAL
MOTOROLA
Table 2-5. Signal Summary
Signal Name
Mnemonic
Input/Output
Active State
Three-State
Address Bus
A23–A0
Out
—
Yes
Address Bus Port A7–A0/
Interrupt Acknowledge
A31–A24
Out/I/O/Out
—/—/Low
Yes
Data Bus
D15–D0
I/O
—
Yes
Function Codes
FC3–FC0
Out
—
Yes
Chip Select 3/Interrupt Request
Level/Port B4, B2, B1
CS3–CS1
Out/In/I/O
Low/Low/—
No
Chip Select 0/Autovector
CS0
Out/In
Low/Low
No
Bus Request
BR
In
Low
—
Bus Grant
BG
Out
Low
No
Bus Grant Acknowledge
BGACK
In
Low
—
Data and Size Acknowledge
DSACK1,
DSACK0
In
Low
—
Read-Modify-Write Cycle
RMC
Out
Low
Yes
Address Strobe
AS
Out
Low
Yes
Data Strobe
DS
Out
Low
Yes
Size
SIZ1, SIZ0
Out
—
Yes
Read/Write
R/
W
Out
High/Low
Yes
Interrupt Request Level/
Port B7, B6, B5, B3
IRQ7, IRQ6,
IRQ5, IRQ3
In/I/O
Low/—
—
Reset
RESET
I/O
Low
No
Halt
HALT
I/O
Low
No
Bus Error
BERR
In
Low
—
System Clock
CLKOUT
Out
—
No
Crystal Oscillator
EXTAL, XTAL
In, Out
—
—
External Filter Capacitor
XFC
In
—
—
Clock Mode Select/Port B0
MODCK
In/I/O
—/—
—
Instruction Fetch/
Development Serial In
IFETCH/DSI
Out/In
Low/—
No/—
Instruction Pipe/
Development Serial Out
IPIPE/DSO
Out/Out
Low/—
No/—
Breakpoint/
Development Serial Clock
BKPT/DSCLK
In/In
Low/—
—/—
Freeze
FREEZE
Out
High
No
Receive Data
RxDA, RxDB
In
—
—
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com