Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 82Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 83Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 84Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 85Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 86Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 87Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 88Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 89Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
3- 37
S0
S2
S0
S2
SW
S4
SW
S4
READ RERUN
HALT
READ CYCLE WITH
RETRY
DATA
IGNORED
CLKOUT
DSACKx
R/W
AS
DS
BERR
A31–A0
FC3–FC0
D15–D0
HALT
Figure 3-19. Retry Sequence
The MC68340 retries any read or write cycle of a read-modify-write operation separately;
RMC remains asserted during the entire retry sequence. Asserting BR along with BERR
and
HALT provides a relinquish and retry operation. The MC68340 does not relinquish the
bus during a read-modify-write operation. Any device that requires the MC68340 to give
up the bus and retry a bus cycle during a read-modify-write cycle must assert only
BERR
and
BR (HALT must not be included). The bus error handler software should examine the
read-modify-write bit in the special status word (see Section 5 CPU32) and take the
appropriate action to resolve this type of fault when it occurs.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com