Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 23Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
1- 1
SECTION 1
DEVICE OVERVIEW
The MC68340 is a high-performance 32-bit integrated processor with direct memory
access (DMA), combining an enhanced M68000-compatible processor, 32-bit DMA, and
other peripheral subsystems on a single integrated circuit. The MC68340 CPU32 delivers
32-bit CISC processor performance from a lower cost 16-bit memory system. The
combination of peripherals offered in the MC68340 can be found in a diverse range of
microprocessor-based systems, including embedded control and general computing.
Systems requiring very high-speed block transfers of data can especially benefit from the
MC68340.
The MC68340's high level of functional integration results in significant reductions in
component count, power consumption, board space, and cost while yielding much higher
system reliability and shorter design time. The 3.3-V MC68340V is particularly attractive to
applications requiring a very tight power budget. Complete code compatibility with the
MC68000 and MC68010 affords the designer access to a broad base of established real-
time kernels, operating systems, languages, applications, and development tools—many
oriented towards embedded control.
CPU32
68020– BASED
PROCESSOR
TWO-
CHANNEL
SERIAL
I/O
TWO-CHANNEL DMA
CONTROLLER
EXTERNAL
BUS
INTERFACE
CLOCK
SYNTHESIZER
SYSTEM
INTEGRATION
MODULE
(SIM40)
BUS
ARBITRATION
INTERMODULE BUS
TIMER
TIMER
SYSTEM
PROTECTION
IEEE TEST
CHIP SELECTS
AND
WAIT STATES
Figure 1-1. Block Diagram
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com