Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 54Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 55Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 56Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 57Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 58Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 59Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 60Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 61Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
3- 9
3.2.3.3 BYTE OPERAND TO 16-BIT PORT, ODD (A0 = 1). The MC68340 drives the
address bus with the desired address and the SIZx pins to indicate a single-byte operand.
DSACK0
DSACK1
A0
SIZ0
SIZ1
0110
X
D0
D8
D15
D7
(OP0)
OP0
OP0
7
0
BYTE OPERAND
DATA BUS
CYCLE 1
For a read operation, the slave responds by placing data on bits 7–0 of the data bus and
asserting
DSACK1 to indicate a 16-bit port. The MC68340 then reads the operand byte
from bits 7–0 and ignores bits 15–8.
For a write operation, the MC68340 drives the single-byte operand on both bytes of the
data bus because it does not know the port size until the
DSACK
≈ signals are read. The
slave device reads the operand from bits 7–0 of the data bus and uses the address to
place the operand in the specified location. The slave then asserts
DSACK1 to terminate
the bus cycle.
3.2.3.4 WORD OPERAND TO 8-BIT PORT, ALIGNED. The MC68340 drives the address
bus with the desired address and the SIZx pins to indicate a word operand.
D0
D8
D15
D7
OP0
OP1
OP0
OP1
15
7
0
DSACK0
DSACK1
A0
SIZ0
SIZ1
10010
01110
WORD OPERAND
DATA BUS
CYCLE 1
CYCLE 2
(OP1)
(OP1)
8
For a read operation, the slave responds by placing the most significant byte of the
operand on bits 15–8 of the data bus and asserting
DSACK0 to indicate an 8-bit port. The
MC68340 reads the most significant byte of the operand from bits 15–8 and ignores bits
7–0. The MC68340 then decrements the transfer size counter, increments the address,
and reads the least significant byte of the operand from bits 15–8 of the data bus.
For a write operation, the MC68340 drives the word operand on bits 15–0 of the data bus.
The slave device then reads the most significant byte of the operand from bits 15–8 of the
data bus and asserts
DSACK0 to indicate that it received the data but is an 8-bit port.
The MC68340 then decrements the transfer size counter, increments the address, and
writes the least significant byte of the operand to bits 15–8 of the data bus.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com