Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 218 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 218 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 214Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 215Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 216Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 217Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 218Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 219Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 220Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 221Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 222Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
5- 81
starting address of the block and to retrieve the first result. Subsequent operands are
retrieved with the DUMP command. The initial address is incremented by the operand size
(1, 2, or 4) and saved in a temporary register. Subsequent DUMP commands use this
address, increment it by the current operand size, and store the updated address back in
the temporary register.
NOTE
The DUMP command does not check for a valid address in the
temporary register—DUMP is a valid command only when
preceded by another DUMP or by a READ command.
Otherwise, the results are undefined. The NOP command can
be used for intercommand padding without corrupting the
address pointer.
The size field is examined each time a DUMP command is given, allowing the operand
size to be altered dynamically.
Command Format:
15
14
13
12
11
10
9876543210
00011101
OP SIZE
000000
Command Sequence:
DUMP (LONG)
???
XXX
"NOT READY"
NEXT CMD
RESULT
XXX
BERR/AERR
XXX
"ILLEGAL"
NEXT CMD
"NOT READY"
NEXT CMD
"NOT READY"
READ
MEMORY
LOCATION
XXX
"NOT READY"
NEXT CMD
MS RESULT
XXX
BERR/AERR
XXX
"ILLEGAL"
NEXT CMD
"NOT READY"
NEXT CMD
"NOT READY"
READ
MEMORY
LOCATION
NEXT CMR
LS RESULT
DUMP (LONG)
???
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com