Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 106 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 106 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 102Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 103Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 104Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 105Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 106Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 107Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 108Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 109Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 110Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
4- 9
4.2.2.6.2 Using the Periodic Timer as a Real-Time Clock. The periodic interrupt timer
can be used as a real-time clock interrupt by setting it up to generate an interrupt with a
one-second period. Rearranging the periodic timer period equation to solve for the desired
count value:
PITR count value
=
(PIT period) (EXTAL frequency)
(Prescaler value) (22)
PITR count value
=
(1) (32768)
(512) (22)
PITR count value
=
16 (decimal)
Therefore, when using a 32.768-kHz crystal, the PITR should be loaded with a value of
$10 with the prescaler enabled to generate interrupts at a one-second rate.
4.2.2.7 SIMULTANEOUS INTERRUPTS BY SOURCES IN THE SIM40. If multiple
interrupt sources at the same interrupt level are simultaneously asserted in the SIM40, it
will prioritize and service the interrupts in the following order: 1) software watchdog, 2)
periodic interrupt timer, and 3) external interrupts.
4.2.3 Clock Synthesizer Operation
The clock synthesizer can operate with either an external crystal or an external oscillator
for reference, using the internal phase-locked loop (PLL) and voltage-controlled oscillator
(VCO), or an external clock can directly drive the clock signal at the operating frequency.
The four modes of clock operation are listed in Table 4-1.
Table 4-1. Clock Operating Modes
Mode
Description
MODCK
Reset
Value
VCCSYN
Operating
Value
Crystal Mode
External crystal or oscillator used with the on-chip PLL and VCO to
generate a system clock and CLKOUT of programmable rates.
5 V
5 V
External Clock
Mode without PLL
The desired operating frequency is driven into EXTAL resulting in a
system clock and CLKOUT of the same frequency, not tightly coupled.
0 V
0 V
External Clock
Mode with PLL
The desired operating frequency is driven into EXTAL, resulting in a
system clock and CLKOUT of the same frequency, with a tight skew
between input and output signals.
0 V
5 V
Limp Mode
Upon input signal loss for either clock mode using the PLL, operation
continues at approximately one-half operating speed (affected by the
value of the X-bit in the SYNCR).
X
5 V
In crystal mode (see Figure 4-4), the clock synthesizer can operate from the on-chip PLL
and VCO, using a parallel resonant crystal connected between the EXTAL and XTAL pins,
or an external oscillator connected to EXTAL as a reference frequency source. The
oscillator circuit is shown in Figure 4-5. A 32.768-kHz watch crystal provides an
inexpensive reference, but the reference crystal or external oscillator frequency can be
any frequency in the range specified in Section 11 Electrical Characteristics. When
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com