Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC68340 Datasheet(PDF) 203 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 203 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 199Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 200Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 201Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 202Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 203Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 204Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 205Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 206Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 207Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 441 page
background image
5- 66
MC68340 USER’S MANUAL
MOTOROLA
BDM operation is enabled when
BKPT is asserted (low) at the rising edge of RESET. BDM
remains enabled until the next system reset. A high
BKPT on the trailing edge of RESET
disables BDM.
BKPT is relatched on each rising transition of RESET . BKPT is
synchronized internally and must be held low for at least two clock cycles prior to negation
of
RESET.
BDM enable logic must be designed with special care. If hold time on
BKPT (after the
trailing edge of
RESET) extends into the first bus cycle following reset, this bus cycle could
be tagged with a breakpoint. Refer to Section 3 Bus Operation for timing information.
5.6.2.2 BDM SOURCES. When BDM is enabled, any of several sources can cause the
transition from normal mode to BDM. These sources include external
BKPT hardware, the
BGND instruction, a double bus fault, and internal peripheral breakpoints. If BDM is not
enabled when an exception condition occurs, the exception is processed normally. Table
5-19 summarizes the processing of each source for both enabled and disabled cases. As
depicted in the table, the BKPT instruction never causes a transition into BDM.
Table 5-19. BDM Source Summary
Source
BDM Enabled
BDM Disabled
BKPT
Background
Breakpoint Exception
Double Bus Fault
Background
Halted
BGND Instruction
Background
Illegal Instruction
BKPT Instruction
Opcode Substitution/
Illegal Instruction
Opcode Substitution/
Illegal Instruction
5.6.2.2.1 External
BKPT Signal. Once enabled, BDM is initiated whenever assertion of
BKPT is acknowledged. If BDM is disabled, a breakpoint exception (vector $0C) is
acknowledged. The
BKPT input has the same timing relationship to the data strobe trailing
edge as does read cycle data. There is no breakpoint acknowledge bus cycle when BDM
is entered.
5.6.2.2.2 BGND Instruction. An illegal instruction, $4AFA, is reserved for use by
development tools. The CPU32 defines $4AFA (BGND) to be a BDM entry point when
BDM is enabled. If BDM is disabled, an illegal instruction trap is acknowledged. Illegal
instruction traps are discussed in 5.5.2.8 Illegal or Unimplemented Instructions.
5.6.2.2.3 Double Bus Fault. The CPU32 normally treats a double bus fault (two bus faults
in succession) as a catastrophic system error and halts. When this condition occurs during
initial system debug (a fault in the reset logic), further debugging is impossible until the
problem is corrected. In BDM, the fault can be temporarily bypassed so that its origin can
be isolated and eliminated.
5.6.2.3 ENTERING BDM. When the processor detects a
BKPT or a double bus fault or
decodes a BGND instruction, it suspends instruction execution and asserts the FREEZE
output. FREEZE assertion is the first indication that the processor has entered BDM. Once
FREEZE has been asserted, the CPU enables the serial communication hardware and
awaits a command.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com