Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB53L21 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CDB53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB53L21 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CDB53L21 Datasheet HTML 41Page - Cirrus Logic CDB53L21 Datasheet HTML 42Page - Cirrus Logic CDB53L21 Datasheet HTML 43Page - Cirrus Logic CDB53L21 Datasheet HTML 44Page - Cirrus Logic CDB53L21 Datasheet HTML 45Page - Cirrus Logic CDB53L21 Datasheet HTML 46Page - Cirrus Logic CDB53L21 Datasheet HTML 47Page - Cirrus Logic CDB53L21 Datasheet HTML 48Page - Cirrus Logic CDB53L21 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
DS700PP1
45
CS53L21
ADCx 20 dB Digital Boost (ADCx_DBOOST)
Default: 0
0 - Disabled
1 - Enabled
Function:
Applies a 20 dB digital gain to the input signal on ADC channel x, regardless of the input path.
MIC Bias Select (MICBIAS_SEL)
Default: 0
0 - MICBIAS on AIN3B/MICIN2 pin
1 - MICBIAS on AIN2B pin
Function:
Determines the output pin for the internally generated MICBIAS signal. If set to ‘0’b, the MICBIAS is output
on the AIN3B/MICIN2 pin. If set to ‘1’b, the MICBIAS is output on the AIN2B pin.
MIC Bias Level (MICBIAS_LVL[1:0])
Default: 00
00 - 0.8 x VA
01 - 0.7 x VA
10 - 0.6 x VA
11 - 0.5 x VA
Function:
Determines the output voltage level of the MICBIAS output.
MIC X Preamplifier Boost (MICX_BOOST)
Default: 0
0 - +16 dB Gain
1 - +32 dB Gain
Function:
Determines the amount of gain applied to the microphone preamplifier for channel x.
6.6
ADC Control (Address 06h)
ADCX High-Pass Filter Enable (ADCX_HPFEN)
Default: 1
0 - High-pass filter is disabled
1 - High-pass filter is enabled
Function:
When this bit is set, the internal high-pass filter will be enabled for ADCx. When set to ‘0’, the high-pass filter
will be disabled. For DC measurements, this bit must be cleared to ‘0’. “ADC Digital Filter Characteristics”
on page 14.
7
6
5
432
10
ADCB_HPFEN ADCB_HPFRZ ADCA_HPFEN ADCA_HPFRZ
SOFTB
ZCROSSB
SOFTA
ZCROSSA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com